Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3122AI2N Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSSC3122AI2N
Description  Low-Voltage Capacitive Sensor Signal Conditioner
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI2N Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSSC3122AI2N Datasheet HTML 5Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 6Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 7Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 8Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 9Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 10Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 11Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 12Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 25, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Dependency *
PSRTEMP
VSUPPLY > VREG+0.25V
0.03
0.1
°C/V
1.8V ≤ VSUPPLY ≤ VREG + 0.25V
1.25
2.25
PDM Output
Output Range *
VPDM_Range
10
90
%VSUPPLY
PDM Frequency
fPDM
fSYS/8
kHz
Filter Settling Time *
, 5
tSETT
0% to 90% LPFilter 10k
Ω/400nF
9.2
ms
Ripple *
, 5
VRIPP
0% to 90% LPFilter 10k
Ω/400nF
1.0
mV/V
PDM Additional Error (Including
Ratiometricity Error)
*
EPDM
-20 to 125
°C
0.1
0.5
%
DIGITAL I/O
Voltage Output Level Low
VOL
0
0.2
VSUPPLY
Voltage Output Level High
VOH
0.8
1
VSUPPLY
Voltage Input Level Low
VIL
0
0.2
VSUPPLY
Voltage Input Level High
VIH
0.8
1
VSUPPLY
Communication Pin Input
Capacitance *
CIN
10
pF
TOTAL SYSTEM
Capacitive Tolerance Between
Parts *
Ctol
All capacitive values in the
specification are subject to this
variation
±10
%
Trimmed System Frequency
fSYS
All timing in this specification is
subject to this variation.
1.76
1.85
2.25
MHz
Frequency Variation Over Voltage
and Temperature
fvar
All timing in this specification is
subject to this variation.
±10
%
Start-Up-Time *
, 6, 7
Power-on (POR) to data ready
tSTA
Fastest and slowest settings
4.25
55
ms
Update Rate (Update Mode) *
, 6, 7
tRESP_UP
Fastest and slowest settings
0.70
165
ms
Response Time (Sleep Mode) *
, 6, 7
tRESP_SL
Fastest and slowest settings
1.25
45
ms


Similar Part No. - ZSSC3122AI2N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3122AI2RN RENESAS-ZSSC3122AI2RN Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
ZSSC3122AI2TN RENESAS-ZSSC3122AI2TN Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results

Similar Description - ZSSC3122AI2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
   Low Voltage Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com