Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3018BA2D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3018BA2D Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSSC3018BA2D Datasheet HTML 1Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 2Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 3Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 4Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 5Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 6Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 7Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 8Page - Integrated Device Technology ZSSC3018BA2D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ZSSC3018 Datasheet
© 2017 Integrated Device Technology, Inc
5
January 10, 2017
List of Tables
Table 1.1 Absolute Maximum Ratings ...............................................................................................................................................................6
Table 1.2 Operating Conditions .........................................................................................................................................................................6
Table 1.3 Requirements for VDD Power-on Reset (POR) .................................................................................................................................7
Table 1.4 Electrical Parameters.........................................................................................................................................................................7
Table 2.1 Amplifier Gain: Stage 1 ....................................................................................................................................................................12
Table 2.2 Amplifier Gain: Stage 2 ....................................................................................................................................................................12
Table 2.3 Gain Polarity ....................................................................................................................................................................................13
Table 2.4 ADC Conversion Times for a Single A2D Conversion .....................................................................................................................13
Table 2.5 ADC Offset Shift...............................................................................................................................................................................14
Table 2.6 Typical Conversion Times versus Noise Performance with Full Sensor Signal Conditioning for Measurement Including AZSM,
SM, AZTM, and TM (Bridge-Type Sensor) ......................................................................................................................................14
Table 3.1 SPI/I2C Commands..........................................................................................................................................................................23
Table 3.2 Get_Raw Commands.......................................................................................................................................................................25
Table 3.3 General Status Byte.........................................................................................................................................................................26
Table 3.4 Mode Status.....................................................................................................................................................................................26
Table 3.5 MTP Memory Content Assignments ................................................................................................................................................31
Table 3.6 Measurement Results of ADC Raw Measurement Request (Two’s Complement) ..........................................................................45
Table 3.7 Calibration Coefficients (Factors and Summands) in Memory (Sign-Magnitude) ............................................................................45
Table 3.8 Output Results from SSC-Correction Math or DSP—Sensor and Temperature..............................................................................45
Table 3.9 Interrupt Thresholds TRSH1 and TRSH2—Format as for SSC-Correction Math Output.................................................................45
Table 4.1 24-PQFN Dimensions (4 x 4 mm)....................................................................................................................................................46
Table 4.2 Pin Assignments 24-PQFN ..............................................................................................................................................................47


Similar Part No. - ZSSC3018BA2D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018BA2D RENESAS-ZSSC3018BA2D Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3018BA2D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3218 IDT-ZSSC3218 Datasheet
916Kb / 55P
   High-End 18-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com