Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3123KIT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3123KIT
Description  Capacitive Sensor Signal Conditioner
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123KIT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3123KIT Datasheet HTML 6Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 7Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 8Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 9Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 10Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 11Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 12Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 13Page - Integrated Device Technology ZSSC3123KIT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 26, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Error Mult 1, -40 to 125°C *
, 8, 9,10
AEout
3V
±10%, 3.3V±10%, 5V±10%
±0.25
±0.75
%FSO
2.5V
±10%
±0.50
±1.25
Mult 2, 4, 8, -40 to 125°C *
, 8, 9, 10
AEout
3V
±10%, 3.3V±10%, 5V±10%
±0.50
±1.25
%FSO
2.5V
±10%
±1.50
±3.00
* Parameter not tested during production but guaranteed by design.
1
See section 1.4 for full details for current consumption in each mode.
2
Parameter measured using internal test capacitors (0pF to 7pF in Mult 1).
3
Assumes optimal calibration points of 0°C and 100°C; see section 1.6 for more details.
4
Assumes optimal calibration points of -20°C, 40°C and 100°C; see section 1.6 for more details.
5
See section 3.7 for more details.
6
See section 3 for more details.
7
Timing values are for a nominal oscillator, for worst case, ±10% total frequency variation, multiply by 0.9 (min time) or 1.1 (max time).
8
Accuracy specification includes a 2-point temperature calibration for correcting the internal TC.
9
Accuracy specification assumes maximum parasitics of 10pF to ground.
10
Accuracy specification does not include PDM errors, see the PDM Output electrical parameters for additional errors when using PDM.


Similar Part No. - ZSSC3123KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 29P
   CLite??SSC Modular Evaluation Kit
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
logo
List of Unclassifed Man...
ZSSC3123AA1B ETC2-ZSSC3123AA1B Datasheet
1Mb / 68P
   Capacitive Sensor Signal Conditioner
More results

Similar Description - ZSSC3123KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
   Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
   cLite??Capacitive Sensor Signal Conditioner
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
   cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
   Low Voltage Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3122 IDT-ZSSC3122 Datasheet
911Kb / 64P
   Low-Voltage Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
   cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com