Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3036CI1B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSSC3036CI1B
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036CI1B Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSSC3036CI1B Datasheet HTML 1Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 2Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 3Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 4Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 5Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 6Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 7Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 8Page - Integrated Device Technology ZSSC3036CI1B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Low-Power, High-Resolution 16-Bit
Sensor Signal Conditioner
ZSSC3036
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
Brief Description
The ZSSC3036 is a sensor signal conditioner (SSC)
integrated circuit for high-accuracy amplification and
analog-to-digital conversion of a differential input
signal. Designed for high-resolution altimeter module
applications, the ZSSC3036 can perform offset,
span, and 1
st and 2nd order temperature compen-
sation of the measured signal. Developed for correc-
tion of resistive bridge sensors, it can also provide a
corrected temperature output measured with an
internal sensor.
The measured and corrected bridge values are
provided at the digital output pins, which can be
configured as I
2C™* (
≤ 3.4MHz) or SPI (≤ 20MHz).
Digital compensation of signal offset, sensitivity,
temperature, and non-linearity is accomplished via
an 18-bit internal digital signal processor (DSP) run-
ning a correction algorithm. Calibration coefficients
are stored on-chip in a highly reliable, non-volatile,
multiple-time programmable (MTP) memory. Pro-
gramming the ZSSC3036 is simple via the serial
interface. The IC-internal charge pump provides the
MTP programming voltage. The interface is used for
the PC-controlled calibration procedure, which pro-
grams the set of calibration coefficients in memory.
The ZSSC3036 provides accelerated signal process-
ing in order to support high-speed control, safety,
and real-time sensing applications. It complements
IDT’s additional ZSSC30x6 products.
Features
Flexible, programmable analog front-end design;
up to 16-bit scalable, charge-balancing two-
segment analog-to-digital converter (ADC)
Fully programmable gain amplifier accepting
sensors from 14 to 72 (linear factor)
Internal auto-compensated temperature sensor
Digital compensation of individual sensor offset;
1
st and 2nd order digital compensation of sensor
gain as well as of 1
st and 2nd order temperature
gain and offset drift
Fast sensing: 16-bit conditioned sensor signal
measurement rate at more than 200s
-1
Typical sensor elements can achieve accuracy of
less than ±0.10% FSO** @ -40 to 110°C
Benefits
Integrated 18-bit calibration math DSP
Fully corrected signal at digital output
Layout customized for die-die bonding with
sensor for high-density chip-on-board assembly
Single-pass calibration minimizes calibration
costs
No external trimming, filter, or buffering com-
ponents required
Highly integrated CMOS design
Excellent for low-voltage and low-power battery
applications
Optimized for operation in calibrated resistive
sensor modules
Physical Characteristics
Supply voltage range: 1.8 to 3.6V
Current consumption: 1mA (operating mode)
Sleep State current: 50nA (typical)
Temperature resolution: <0.003K/LSB
Operation temperatures: –40°C to +85°C
–40°C to +110°C
Small die size
Delivery options: die for wafer bonding
* I
2C™ is a trademark of NXP.
** FSO = Full Scale Output.
ZSSC3036 Application Example


Similar Part No. - ZSSC3036CI1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036CI1B ETC2-ZSSC3036CI1B Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1B RENESAS-ZSSC3036CI1B Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036CI1BH ETC2-ZSSC3036CI1BH Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1BH RENESAS-ZSSC3036CI1BH Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3036CI1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com