Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3135BE2T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3135BE2T
Description  Sensor Signal Conditioner for Piezoresistive Bridge Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3135BE2T Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3135BE2T Datasheet HTML 1Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 2Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 3Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 4Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 5Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 6Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 7Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 8Page - Integrated Device Technology ZSSC3135BE2T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Sensor Signal Conditioner for
Piezoresistive Bridge Sensors
ZSSC3135
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
ZSSC3135 Application Example
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
C5
R1
C4
Temperature Sensor
Ordering Information (See data sheet section 8 for complete delivery options.)
Product Sales Code
Description
Package
ZSSC3135BE1
ZSSC3135 die – tested; temperature range -40 to +150°C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3135BA1
ZSSC3135 die – tested; temperature range -40 to +125°C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3135BE2
ZSSC3135 SSOP14 – temperature range -40 to +150°C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC3135BA2
ZSSC3135 SSOP14 – temperature range -40 to +125°C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, revision 1.1 including Evaluation
Board, ZSSC3135 IC samples, USB cable (software can be
downloaded from the product page www.IDT.com/ZSSC3135)
Kit
ZSSC313x Mass
Calibration System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x
including MCS boards, cable, connectors (software can be
downloaded from the product page www.IDT.com/ZSSC3135)
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.


Similar Part No. - ZSSC3135BE2T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3135BE2 RENESAS-ZSSC3135BE2 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results

Similar Description - ZSSC3135BE2T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Renesas Technology Corp
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
   Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
   Sensor Signal Conditioner IC for Resistive Sensors
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com