Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3131BA2R Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSSC3131BA2R
Description  Sensor Signal Conditioner for Cost- Optimized Switch Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3131BA2R Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSSC3131BA2R Datasheet HTML 5Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 6Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 7Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 8Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 9Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 10Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 11Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 12Page - Integrated Device Technology ZSSC3131BA2R Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ZSSC3131 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 25, 2016
1.4.
Interface Characteristics and EEPROM
Table 1.4
Interface Characteristics and EEPROM
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1.
I²C
TM Interface
(Refer to the ZSSC313x Functional Description for timing details)
1.4.1.1
I²C™ voltage level HIGH
VI²C,HIGH
0.8
VDDA
1.4.1.2
I²C™ voltage level LOW
1)
VI²C,LOW
0.2
VDDA
1.4.1.3
Slave output level LOW
1)
VI²C,LOW_OUT
Open drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance
1)
CSDA
400
pF
1.4.1.5
SCL clock frequency
1)
fI²C
fOSC
≥2MHz
400
kHz
1.4.1.6
Internal pull-up resistor
1)
RI²C,PULLUPI
25
100
k
1.4.2.
ZACwire™ One-Wire Interface (OWI)
(Refer to the ZSSC313x Functional Description for timing details)
1.4.2.1
OWI voltage level HIGH
1)
VOWI,HIGH
0.75
VDDA
1.4.2.2
OWI voltage level LOW
1)
VOWI,LOW
0.2
VDDA
1.4.2.3
Slave output level LOW
1)
VOWI,LOW_OUT Open drain, IOL<2mA
0.15
VDDA
1.4.2.4
Start window
1)
tOWI,STARTWIN
At fOSC=3MHz
96
175
455
ms
1.4.3.
EEPROM
1.4.3.1
Ambient temperature for
EEPROM programming
1)
TAMB_EEP
-40
150
°C
1.4.3.2
Write cycles
1)
nEEP_WRI
Write <= 85°C
100 000
Write up to 150°C
100
1.4.3.3
Read cycles
1) 2)
nEEP_READ
≤175°C
8 * 10
8
1.4.3.4
Data retention
1) 3)
tEEP_RETENTION 1300h at 175°C
( =
3000h at 150°C
+ 27000h at 125°C
+ 100000h at
55°C)
15
a
1.4.3.5
Programming time
1)
tEEP_WRI
Per written word
12
ms
1)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
2)
Valid for the dice. Note that the package and the temperature version cause additional restrictions.
3)
Over lifetime and valid for the dice. Use the calculation sheet ZSSC313x Temperature Profile Calculation Sheet for temperature stress calculation.
Note that the package and the temperature version cause additional restrictions.


Similar Part No. - ZSSC3131BA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3131BA2 RENESAS-ZSSC3131BA2 Datasheet
437Kb / 24P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
More results

Similar Description - ZSSC3131BA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
   Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
logo
Integrated Device Techn...
ZSSC3136 IDT-ZSSC3136 Datasheet
282Kb / 24P
   Sensor Signal Conditioner for Safety Switch Applications
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
   Sensor Signal Conditioner for Ceramic Sensor Applications
logo
Renesas Technology Corp
ZSSC3138 RENESAS-ZSSC3138 Datasheet
424Kb / 26P
   Sensor Signal Conditioner for Ceramic Sensor Applications
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com