Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3135BA2R Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3135BA2R
Description  Sensor Signal Conditioner for Piezoresistive Bridge Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3135BA2R Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3135BA2R Datasheet HTML 6Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 7Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 8Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 9Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 10Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 11Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 12Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 13Page - Integrated Device Technology ZSSC3135BA2R Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ZSSC3135 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 27, 2016
2
Circuit Description
2.1.
Signal Flow
The ZSSC3135’s signal path is partly analog and partly digital. The analog section is differential – this means the
differential bridge sensor signal is internally handled via two signal lines that are rejected symmetrically around an
internal common mode potential (analog ground = VDDA/2).
As a result of the differential design, it is possible to amplify positive and negative input signals that are within the
common mode range of the signal input.
Figure 2.1
Block Diagram of the ZSSC3135
ZSSC3135
PGA
ADC
CMC
DAC
BAMP
TS
EEPROM
RAM
ROM
ZACwire
I
2C™ *
Analog
Output
Digital
Data I/O
TSEXT
Analog Domain
Digital Domain
* Note: I
2C™ is a trademark of NXP.
PGA
Programmable Gain Amplifier
TS
On-Chip Temperature Sensor (pn-junction)
TSEXT
External Temperature Sensor (pn-junction)
MUX
Multiplexer
ADC
Analog-to-Digital Converter
CMC
Calibration Microcontroller
ROM
Read-Only Memory for Correction Formula and Algorithm
RAM
Volatile Memory for Calibration Parameters and Configuration
EEPROM
Non-volatile Memory for Calibration Parameters and Configuration
DAC
Digital-to-Analog Converter
BAMP
Output Buffer Amplifier
The differential signal from the bridge sensor is pre-amplified by the programmable gain amplifier (PGA). The
multiplexer (MUX) transmits the signals from either the bridge sensor or the internal or external temperature
sensor to the analog-to-digital converter (ADC) in a specific sequence. The ADC converts these signals into
digital values.


Similar Part No. - ZSSC3135BA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3135BA2 RENESAS-ZSSC3135BA2 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results

Similar Description - ZSSC3135BA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Renesas Technology Corp
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
   Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
   Sensor Signal Conditioner IC for Resistive Sensors
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com