Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9489 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9489
Description  Multiple-Output Network Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9489 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9489 Datasheet HTML 3Page - Maxim Integrated Products MAX9489 Datasheet HTML 4Page - Maxim Integrated Products MAX9489 Datasheet HTML 5Page - Maxim Integrated Products MAX9489 Datasheet HTML 6Page - Maxim Integrated Products MAX9489 Datasheet HTML 7Page - Maxim Integrated Products MAX9489 Datasheet HTML 8Page - Maxim Integrated Products MAX9489 Datasheet HTML 9Page - Maxim Integrated Products MAX9489 Datasheet HTML 10Page - Maxim Integrated Products MAX9489 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Multiple-Output Network Clock Generator
_______________________________________________________________________________________
9
Setting the Clock Frequencies
Each CLK_ output has an associated control register.
The contents of the registers determine the frequency
of their associated outputs. Table 3 provides the fre-
quency mapping for the registers.
Example: To program CLK3 to 80MHz, first address the
device with R/W low, then send register address byte
0x03 followed by data byte 0x05 (Figure 5).
Frequency Margin Control
Frequency margin is controlled through control register
0x10. Table 4 provides the mapping for the available
margins. A selected margin applies to all outputs.
Example: To increase all clock outputs by 5%, address
the device, then send register address byte 0x10 fol-
lowed by data byte 0x01.
Power Supply
The MAX9489 uses a 3.0V to 3.6V power supply con-
nected to VDD, and 3.0V to 3.6V connected to AVDD.
Bypass each VDD at the device with a 0.1µF capacitor.
Also bypass AVDD at the device with a 0.1µF capacitor.
Additionally, use a bulk bypass capacitor of 10µF
where power enters the circuit board.
Board Layout Considerations
As with all high-frequency devices, board layout is
critical to proper operation. Place the crystal as close
as possible to X1 and X2, and minimize parasitic
capacitance around the crystal leads. Ensure that the
exposed pad makes good contact with GND.
Chip Information
TRANSISTOR COUNT: 15,219
PROCESS: CMOS
SCL
MSB
1
SDA
1
A4
A3
A2
A1
A0
ACK
LSB
START
ACKNOWLEDGE
NOT ACKNOWLEDGE
R/W
Figure 3. I
2C Address and Acknowledge
S
1
1
A4
A3
A2
A1
0
ACK RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
P
MASTER-WRITE DATA STRUCTURE
START
DEVICE ADDRESS
REGISTER ADDRESS
DATA IN
STOP
R/W
RS
1
1
A4
A3
A2
A1
A0
1
ACK
D7
D6
D5
D4
D3
D2
D1
D0
P
DEVICE ADDRESS
DATA OUT
STOP
R/W
S
1
1
A4
A3
A2
A1
0
ACK RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 ACK
MASTER-READ DATA STRUCTURE
START
DEVICE ADDRESS
REGISTER ADDRESS
R/W
ACK
S = START CONDITION
A_ = DEVICE ADDRESS
ACK = ACKNOWLEDGE
ACK = NOT ACKNOWLEDGE
RA_ = REGISTER ADDRESS
D_ = DATA
P = STOP CONDITION
RS = REPEATED START
DATA DIRECTION
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 4. I
2C Interface Data Structure


Similar Part No. - MAX9489

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480 MAXIM-MAX9480 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480CUP MAXIM-MAX9480CUP Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480EUP MAXIM-MAX9480EUP Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results

Similar Description - MAX9489

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9492 MAXIM-MAX9492 Datasheet
269Kb / 11P
   Multiple-Output Clock Generator with Spread Spectrum
Rev 0; 5/05
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
logo
ON Semiconductor
PCS1P2192A ONSEMI-PCS1P2192A Datasheet
140Kb / 7P
   VDP Multiple Pixel Clock Generator
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
PCS1P2192A PULSECORE-PCS1P2192A Datasheet
143Kb / 8P
   VDP Multiple Pixel Clock Generator
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
   Network Clock Generator, Two Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
logo
Motorola, Inc
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
   MULTIPLE OUTPUT CLOCK SYNTHESIZER
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com