Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7376CRRD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7376CRRD
Description  Silicon Oscillator with Reset Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7376CRRD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7376CRRD Datasheet HTML 1Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 2Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 3Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 4Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 5Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 6Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 7Page - Maxim Integrated Products MAX7376CRRD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX7376 silicon oscillator with reset, is a replace-
ment for ceramic resonators, crystals, crystal oscillator
modules, and discrete reset circuits. The MAX7376 pro-
vides the primary clock source and reset function for
microcontrollers in 3V, 3.3V, and 5V applications. The
MAX7376 features a factory-programmed high-speed
oscillator and a microprocessor (µP) power-on-reset
(POR) supervisor.
Unlike typical crystal and ceramic resonator oscillator
circuits, the MAX7376 is resistant to vibration and EMI.
The high-output-drive current and absence of high-
impedance nodes make the oscillator less susceptible
to dirty or humid operating conditions. With a wide
operating temperature range as standard, the MAX7376
is a good choice for demanding home appliance,
industrial, and automotive environments.
The MAX7376 is available in factory-programmed fre-
quencies from 32.768kHz to 10MHz. See Table 2 for
standard frequencies and contact the factory for cus-
tom frequencies.
The MAX7376 is available in a 5-pin SOT23 package.
Refer to the MAX7382 data sheet for frequencies
≥10MHz. The MAX7376 standard operating tempera-
ture range is -40°C to +125°C. See the Applications
Information section for the extended operating temper-
ature range.
Applications
White Goods
Automotive
Consumer Products
Appliances and Controls
Handheld Products
Portable Equipment
Microcontroller (µC) Systems
Features
♦ 2.7V to 5.5V Operation
♦ Accurate Oscillator: 600kHz to 10MHz or 32kHz
♦ Reset Output Holds the µC in Reset for 100µs
After Clock Startup
♦ ±10mA Clock Output Drive Capability
♦ 2% Initial Accuracy
♦ ±50ppm/°C Temperature Coefficient
♦ 50% Duty Cycle
♦ 5ns Output Rise and Fall Time
♦ Low Jitter: 160psP-P) at 8MHz (No PLL)
♦ 3mA Operating Current (8MHz)
♦ 13µA Operating Current (32kHz)
♦ -40°C to +125°C Temperature Range
Silicon Oscillator with Reset Output
________________________________________________________________ Maxim Integrated Products
1
GND
VCC
RST/RST
15
E.C.
CLOCK
MAX7376
SOT23
TOP VIEW
2
3
4
Pin Configuration
Ordering Information
19-3475; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Standard version is shown in bold.
The first letter after the part number designates the reset output
option. Insert the letter corresponding to the desired reset
threshold level from Table 1 in the next position. Insert the two-
letter code from Table 2 in the remaining two positions for the
desired frequency range. See Table 3 for standard part numbers.
PART
TEMP RANGE
PIN-
PACKAGE
RESET
OUTPUT
MAX7376C_ _ _-T -40
°C to +125°C5 SOT23-5 Open drain
MAX7376A_ _ _-T
-40
°C to +125°C5 SOT23-5
Active high
push-pull
MAX7376B_ _ _-T
-40
°C to +125°C5 SOT23-5
Active low
push-pull
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MAX7376CRRD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7376CRRD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com