Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2007 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF2007
Description  IntelliMAX??Advanced Load Management Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2007 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF2007 Datasheet HTML 1Page - Fairchild Semiconductor FPF2007 Datasheet HTML 2Page - Fairchild Semiconductor FPF2007 Datasheet HTML 3Page - Fairchild Semiconductor FPF2007 Datasheet HTML 4Page - Fairchild Semiconductor FPF2007 Datasheet HTML 5Page - Fairchild Semiconductor FPF2007 Datasheet HTML 6Page - Fairchild Semiconductor FPF2007 Datasheet HTML 7Page - Fairchild Semiconductor FPF2007 Datasheet HTML 8Page - Fairchild Semiconductor FPF2007 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FPF2000-FPF2007 Rev. C1
Pin Configuration
Pin Description
Absolute Maximum Ratings
Recommended Operating Range
Pin
Name
Function
1VOUT
Switch Output: Output of the power switch
2
GND
Ground
3
FLAGB
Fault Output: Active LO, open drain output which indicates an over current, supply under voltage
or over temperature state.
4ON
On Control Input
5VIN
Supply Input: Input to the power switch and the supply voltage for the IC
Parameter
Min.
Max.
Units
VIN
-0.3
6
V
DC Input Voltage
-0.7
6
V
Power Dissipation for Single Operation @ 85°C
250
mW
Operating Junction Temperature
-40
85
°C
Storage Temperature
-65
150
°C
Thermal Resistance, Junction to Ambient
400
°C/W
Electrostatic Discharge Protection
HBM
4000
V
MM
400
V
Parameter
Min.
Max.
Units
VIN
1.8
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
VIN
VOUT 1
2
34
5
ON
SC70-5
GND
FLAGB


Similar Part No. - FPF2007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2007 FAIRCHILD-FPF2007 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2007 FAIRCHILD-FPF2007 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2007 FAIRCHILD-FPF2007 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2007 ONSEMI-FPF2007 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com