Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRBLU03-010A Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BRBLU03-010A
Description  EU DECLARATION OF CONFORMITY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BRBLU03-010A Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BRBLU03-010A Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EU DECLARATION OF CONFORMITY
Manufacturer:
Laird
Product:
BRBLU03-010A
EU Directive:
RTTE 1999/5/EC
Conformity Assessment:
Annex IV
Reference standards used for presumption of conformity:
Article
Number:
Requirement
Reference standard(s):
3.1a
Health and Safety
IEC 60950-1:2005 (2nd Ed); +Am
1:2009 +Am2:2013;
EN 60950-1:
2006+A11+A1:2010+A12:2011+A2:
2013
3.1a
RF Exposure
EN 62479:2010
3.1b
Protection requirements with respect
to electromagnetic compatibility
EN 301 489-1 V1.9.2 (2011-09)
EN 301 489-17 V2.2.1 (2012-09)
3.2
Means of the efficient use of the
radio frequency spectrum
EN 300 328 V1.8.1 (2012-06)
Declaration: We, Laird, declare under our sole responsibility that the essential radio test suites
have been carried out and that the above product to which this declaration relates is in
conformity with all the applicable essential requirements of Article 3 of the EU Directive
1999/5/EC, when used for its intended purpose.
Place of Issue:
Laird
11160 Thompson Ave.
Lenexa, KS 66219
USA
Date of Issue:
August 2014
Name of Authorised Person:
Daniel Waters / Certifications Specialist
Signature:


Similar Part No. - BRBLU03-010A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BRBLU03-010A0 LSTD-BRBLU03-010A0 Datasheet
356Kb / 2P
   Power is a key performance indicator
More results

Similar Description - BRBLU03-010A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BISMS02BI LSTD-BISMS02BI Datasheet
315Kb / 1P
   EU Declaration of Conformity
logo
Crydom Inc.,
H10D4890 CRYDOM-H10D4890 Datasheet
50Kb / 3P
   Declaration of Conformity
T514F CRYDOM-T514F Datasheet
50Kb / 3P
   Declaration of Conformity
logo
Bourns Electronic Solut...
MF-SM-250 BOURNS-MF-SM-250 Datasheet
573Kb / 1P
   MATERIAL DECLARATION
MF-SM-250V BOURNS-MF-SM-250V Datasheet
143Kb / 1P
   MATERIAL DECLARATION
3315Y-L BOURNS-3315Y-L Datasheet
40Kb / 2P
   MATERIAL DECLARATION
MF-SM BOURNS-MF-SM Datasheet
116Kb / 1P
   MATERIAL DECLARATION
P650-U260-WH BOURNS-P650-U260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION
P850-G120-WH BOURNS-P850-G120-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
logo
Xilinx, Inc
PK100 XILINX-PK100 Datasheet
91Kb / 2P
   100% Material Declaration
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com