Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL652-SC Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button BL652-SC Datasheet HTML 4Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 5Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 6Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 7Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 8Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 9Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 10Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 11Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
8
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Categories
Feature
Implementation
Operating Modes
Self-contained Run mode
Selected by nAutoRun pin status: LOW (0V).
Then runs $autorun$ (smartBASIC application
script) if it exists.
Interactive/Development mode
HIGH (VCC).
Then runs via at+run (and file name of smartBASIC
application script).
Supply Voltage
Supply (VCC)
1.8- 3.6 V – Internal DCDC converter or LDO
(See Note 5)
Power
Consumption
(See Note 5)
Active Modes Peak Current (for
maximum Tx power +4 dBm)
– Radio only
Advertising mode
7.5 mA peak Tx (with DCDC)
Connecting mode
5.4 mA peak Tx (with DCDC)
Active Modes Peak Current (for
Tx Whisper mode2 power -40
dBm) – Radio only
Advertising mode
2.7 mA peak Tx (with DCDC)
Connecting mode
5.4 mA peak Tx (with DCDC)
Active Modes Average Current
Depends on many factors, see Power Consumption.
Ultra Low Power Modes
Standby Doze
Deep Sleep
1.2 uA typical (Note 6)
400 nA (Note 6)
Antenna Options
Internal
Ceramic chip monopole antenna – on-board
BL652-SA variant
External
Dipole antenna (with IPEX connector)
Dipole PCB antenna (with IPEX connector)
Connection via IPEX MH4 – BL652-SC variant
See the Antenna Information sections for FCC and
IC, MIC, and CE.
Physical
Dimensions
14 mm x 10 mm x 2.1 (TBC) mm
Pad Pitch: 0.75 mm
Pad Type: Plated half-moon edge pads (easy to
hand solder)
Weight
<1 gram
Environmental
Operating
-40 ˚C to +85 ˚C (VCC 1.8V-3.6V)
Storage
-40 ˚C to +85 ˚C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Warranty
1-Year Warranty
Development
Tools
Development Kit
Development kit (DVK-BL652-xx) and free software
tools
Approvals
Bluetooth®
Full Bluetooth SIG Declaration ID
FCC / IC / CE / MIC
All BL652 Series
Module Specification Notes:
Note 1 DSR, DTR, RI, and DCD can be implemented in the smartBASIC application.


Similar Part No. - BL652-SC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BL652-SC LSTD-BL652-SC Datasheet
402Kb / 2P
   Bluetooth짰 Smart v4.2 NFC Module
More results

Similar Description - BL652-SC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
ams AG
IB55 AMSCO-IB55 Datasheet
11Kb / 1P
   CMOS-level input buffer pad with pull-down.
logo
Integrated Device Techn...
IDT74CBTLVR16292 IDT-IDT74CBTLVR16292 Datasheet
69Kb / 5P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
logo
Renesas Technology Corp
74CBTLV16292 RENESAS-74CBTLV16292 Datasheet
268Kb / 6P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16292 IDT-IDT74CBTLV16292 Datasheet
68Kb / 5P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
logo
Pulse A Technitrol Comp...
GPSGB1315 PULSE-GPSGB1315 Datasheet
1Mb / 17P
   Internal Active GPS
logo
Abracon Corporation
APAM1068JL01V2.0 ABRACON-APAM1068JL01V2.0 Datasheet
3Mb / 2P
   GPS Active Internal Patch
06.20.14
APAM1268JL02V2.0 ABRACON-APAM1268JL02V2.0 Datasheet
3Mb / 2P
   GPS Active Internal Patch
06.21.14
APAM1368YB13V3.0 ABRACON-APAM1368YB13V3.0 Datasheet
2Mb / 2P
   GPS Active Internal Patch
06.23.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com