Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVK-BL600-SA Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # DVK-BL600-SA
Description  Single Mode Bluetooth Low Energy (BLE) Module
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DVK-BL600-SA Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button DVK-BL600-SA Datasheet HTML 2Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 3Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 4Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 5Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 6Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 7Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 8Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 9Page - Laird Tech Smart Technology DVK-BL600-SA Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
6
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.
SPECIFICATIONS
2.1
Specification Summary
Table 1: Specifications
Categories
Feature
Implementation
Wireless Specification
Bluetooth®
V4.0 – Single Mode
Slave (from base FW v1.1.50.0 onwards)
Frequency
2.402 - 2.480 GHz
Maximum Transmit Power Setting
4 dBm
Conducted BL600-SA
4 dBm
Conducted BL600-SC
~2.5 dBm
Conducted BL600-ST (RSMA connector
on dev board)
Minimum Transmit Power Setting
-20 dBm (in 4 dB steps) with smartBASIC command
-16 dBm
-12 dBm
- 8 dBm
- 4 dBm
0 dBm
TX Whisper Mode 1 Transmit
Power
-30 dBm (min) with smartBASIC command
TX Whisper Mode 2 Transmit
Power
-55 dBm (min) with smartBASIC command
Receive Sensitivity
(0.1% BER)
-91 dBm typical
Link Budget
95 dB (@ 1 Mbps)
Range
Up to 100 m in free space
TX Whisper Modes
Range reduction feature with TX Whisper modes with
smartBASIC command.
Range
(TX Whisper Mode 2)
<~30 cm
Raw Data Rates
1 Mbps (over the air)
Host Interface and
Peripherals
TOTAL
28 x Multifunction I/O lines
UART
TX, RX, CTS, RTS
DCD, RI, DTR, DSR, CTS, RTS (Note 1)
Default 9600, n,8, 1
From 1,200 to 115,200bps
BL600-Sx-04 onwards has improved UART with Deep RX
buffer (6 bytes instead 2 bytes).
GPIO
Up to 28, with configurable: I/O direction,
O/P drive strength (standard 0.5 mA or high 5 mA),
Pull-up /pull-down
ADC
Six 10-bit channels (including ADC reference)
10 bit resolution
1.2 V internal reference
1/1, 2/3, 1/3 pre-scaling
PWM or FREQ output
Output a PWM or FREQ output on up to two GPIO
output pins.
PWM output duty cycle
0%-100%
PWM output frequency
Up to 500 kHz (Note 7)


Similar Part No. - DVK-BL600-SA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DVK-BL652-SA LSTD-DVK-BL652-SA Datasheet
402Kb / 2P
   Bluetooth짰 Smart v4.2 NFC Module
DVK-BL652-SC LSTD-DVK-BL652-SC Datasheet
402Kb / 2P
   Bluetooth짰 Smart v4.2 NFC Module
More results

Similar Description - DVK-BL600-SA

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
BLUEMODS42 TELIT-BLUEMODS42 Datasheet
420Kb / 2P
   Bluetooth Low Energy Single Mode Module
logo
Cypress Semiconductor
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
   Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Telit loT Solutions
BLUEMODS42M TELIT-BLUEMODS42M Datasheet
1Mb / 2P
   Bluetooth Low Energy Single Mode Sensor Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com