Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7502 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7502
Description  Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7502 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7502 Datasheet HTML 1Page - Maxim Integrated Products MAX7502 Datasheet HTML 2Page - Maxim Integrated Products MAX7502 Datasheet HTML 3Page - Maxim Integrated Products MAX7502 Datasheet HTML 4Page - Maxim Integrated Products MAX7502 Datasheet HTML 5Page - Maxim Integrated Products MAX7502 Datasheet HTML 6Page - Maxim Integrated Products MAX7502 Datasheet HTML 7Page - Maxim Integrated Products MAX7502 Datasheet HTML 8Page - Maxim Integrated Products MAX7502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Digital Temperature Sensors and Thermal
Watchdog with Bus Lockup Protection
_______________________________________________________________________________________
5
I2C-Compatible Bus Interface
From a software perspective, the MAX7500/MAX7501/
MAX7502 appear as a set of byte-wide registers that
contain temperature data, alarm threshold values, and
control bits. A standard I2C-compatible 2-wire serial
interface reads temperature data and writes control bits
and alarm threshold data. Each device responds to its
own I2C slave address, which is selected using A0, A1,
and A2. See Table 1.
The MAX7500/MAX7501/MAX7502 employ four stan-
dard I2C protocols: write byte, read byte, send byte,
and receive byte (Figures 1, 2, and 3). The shorter
receive byte protocol allows quicker transfers, provided
that the correct data register was previously selected
by a read-byte instruction. Use caution when using the
shorter protocols in multimaster systems, as a second
master could overwrite the command byte without
informing the first master. The MAX7500 has eight dif-
ferent slave addresses available; therefore, a maximum
of eight MAX7500 devices can share the same bus.
The MAX7501/MAX7502 each have four different slave
addresses available.
DEVICE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAX7500
1
0
0
1
A2
A1
A0
RD/W
MAX7501
1
0
0
1
1
A1
A0
RD/W
MAX7502
1
0
0
1
0
A1
A0
RD/W
Table 1. I2C Slave Addresses
tBUF
tSU:STO
tHD:STA
tSU:STA
tHD:DAT
tHIGH
tLOW
tSU:DAT
tHD:STA
SCL
SDA
tF
tR
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
START
CONDITION
(S)
START
CONDITION
(S)
REPEATED START
CONDITION
(SR)
PARAMETERS ARE MEASURED FROM 10% TO 90%.
Figure 1. Serial Bus Timing


Similar Part No. - MAX7502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX750A MAXIM-MAX750A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
MAX750A-MAX758A MAXIM-MAX750A-MAX758A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
More results

Similar Description - MAX7502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com