Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL600-ST Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # BL600-ST
Description  Single Mode Bluetooth Low Energy (BLE) Module
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL600-ST Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button BL600-ST Datasheet HTML 3Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 4Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 5Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 6Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 7Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 8Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 9Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 10Page - Laird Tech Smart Technology BL600-ST Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
7
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Categories
Feature
Implementation
FREQ output frequency
0 MHz-4 MHz
(50% duty cycle)
I2C
One I2C interface (up to 400 kbps) (Note 2)
SPI
One SPI Master interface (up to 4 Mbps) (Note 3)
Profiles
Services supported
(Note 4)
(FW v1.1.50.0)
Heart Rate Service
Health Thermometer Service
Battery Alert Service
Blood Pressure Service
Device Information Service
Immediate Alert Service
IOPT (Interoperability)
Link Loss Service
Transmit Power Service
Custom services (from base FW v1.2.54.0 onwards)
FW Upgrade
smart BASIC runtime engine FW
upgrade
(Note 5)
Via JTAG. Using the supplied J-link programmer.
Via UART.
Note: The BL620 supports a JTAG upgrade but has no
capability to upgrade via UART.
Programmability
smart BASIC
On-board programming language similar to BASIC.
smart BASIC application
download
(1) Via UART.
(2) Via Over the Air (if SIO_7 pin is pulled high
externally).
Control Protocols
Any
User defined via smartBASIC
Operating Modes
Self-contained Run mode
Selected by nAutoRun pin status:
LOW (0V). Then runs $autorun$ (smartBASIC application
script) if it exists.
Interactive / development mode
HIGH (VCC). Then runs via at+run (and “file name” of
smartBASIC application script).
Supply Voltage
Supply (VCC)
2.1 – 3.6 V – internal DCDC converter (Note 5)
1.8 – 3.6 V – internal LDO
DCDC switched on if VCC>2.1V at power-up.
Power Consumption
Active Modes Peak Current (for
Max TX PWR 4 dBm)
Advertising or
Connected mode
11.6 mA peak TX
8.9 mA peak RX
Active Modes Peak Current for TX
Whisper mode2 PWR -55 dBm)
Advertising or
Connected mode
5 mA peak TX
8.5 mA peak RX
Active Modes Average Current
Depends on many factors, see Power Consumption.
Ultra-Low Power Modes
Standby Doze
Deep Sleep
2.6 uA typical (Note 6)
600 nA (Note 6)
Antenna Options
Internal
Ceramic chip monopole antenna – on-board BL600-SA
External – Option 1
Dipole antenna (with IPEX connector)
Dipole PCB antenna (with IPEX connector)
Connection via IPEX MH4 – BL600-SC
External – Option 2
Dipole antenna (with RSMA connector)


Similar Part No. - BL600-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
More results

Similar Description - BL600-ST

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
BLUEMODS42 TELIT-BLUEMODS42 Datasheet
420Kb / 2P
   Bluetooth Low Energy Single Mode Module
logo
Cypress Semiconductor
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
   Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Telit loT Solutions
BLUEMODS42M TELIT-BLUEMODS42M Datasheet
1Mb / 2P
   Bluetooth Low Energy Single Mode Sensor Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com