Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3190WTRQZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM3190WTRQZ
Description  High Stability Isolated Error Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3190WTRQZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM3190WTRQZ Datasheet HTML 5Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 6Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 7Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 8Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 9Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 10Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 11Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 12Page - Analog Devices ADuM3190WTRQZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ADuM3190
Data Sheet
Rev. A | Page 8 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Supply Voltage for Side 1 (3.0 V to 20 V). Connect a 1 μF capacitor between VDD1 and GND1.
2
GND1
Ground Reference for Side 1.
3
VREG1
Internal Supply Voltage for Side 1. Connect a 1 μF capacitor between VREG1 and GND1.
4
REFOUT1
Reference Output Voltage for Side 1. The maximum capacitance for this pin (CREFOUT1) must not exceed 15 pF.
5
NC
No Connection. Connect Pin 5 to GND1; do not leave this pin floating.
6
EAOUT2
Isolated Output Voltage 2, Open-Drain Output. Connect a pull-up resistor between EAOUT2 and VDD1 for current up to
1 mA.
7
EAOUT
Isolated Output Voltage.
8
GND1
Ground Reference for Side 1.
9
GND2
Ground Reference for Side 2.
10
COMP
Output of the Op Amp. A loop compensation network can be connected between the COMP pin and the −IN pin.
11
−IN
Inverting Op Amp Input. Pin 11 is the connection for the power supply setpoint and compensation network.
12
+IN
Noninverting Op Amp Input. Pin 12 can be used as a reference input.
13
REFOUT
Reference Output Voltage for Side 2. The maximum capacitance for this pin (CREFOUT) must not exceed 15 pF.
14
VREG2
Internal Supply Voltage for Side 2. Connect a 1 μF capacitor between VREG2 and GND2.
15
GND2
Ground Reference for Side 2.
16
VDD2
Supply Voltage for Side 2 (3.0 V to 20 V). Connect a 1 μF capacitor between VDD2 and GND2.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADuM3190
COMP
GND2
GND1
–IN
+IN
REFOUT
VDD1
NC = NO CONNECTION. CONNECT PIN 5 TO GND1;
DO NOT LEAVE THIS PIN FLOATING.
VREG1
VDD2
GND2
VREG2
REFOUT1
NC
EAOUT2
EAOUT


Similar Part No. - ADuM3190WTRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
More results

Similar Description - ADuM3190WTRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com