Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3190WSRQZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuM3190WSRQZ
Description  High Stability Isolated Error Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3190WSRQZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM3190WSRQZ Datasheet HTML 2Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 3Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 4Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 5Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 6Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 7Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 8Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 9Page - Analog Devices ADuM3190WSRQZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
ADuM3190
Rev. A | Page 5 of 18
PACKAGE CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE
Input-to-Output1
RI-O
1013
Ω
CAPACITANCE
Input-to-Output1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC JUNCTION-TO-AMBIENT THERMAL
RESISTANCE
Thermocouple located at center of package underside
16-Lead QSOP
θJA
76
°C/W
1
The device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM3190 is approved by the organizations listed in Table 3. See Table 8 and the Insulation Lifetime section for recommended
maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 3.
UL
CSA
VDE
Recognized Under 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-122
Single Protection, 2500 V rms Isolation
Voltage, 16-Lead QSOP
Basic insulation per CSA 60950-1-03 and
IEC 60950-1, 400 V rms (565 V peak)
maximum working voltage
Reinforced insulation, 565 V peak
File E214400
File 205078
File 2471900-4880-0001
1
In accordance with UL 1577, each ADuM3190 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 sec (current leakage detection limit = 5 µA).
2
In accordance with DIN V VDE V 0884-10, each ADuM3190 is proof tested by applying an insulation test voltage ≥ 1050 V peak for 1 sec (partial discharge detection
limit = 5 pC). The asterisk (*) marked on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
3.8 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
3.1 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303, Part 1
Isolation Group
II
Material Group DIN VDE 0110, 1/89, Table 1
RECOMMENDED OPERATING CONDITIONS
Table 5.
Parameter
Symbol
Min
Max
Unit
OPERATING TEMPERATURE BY MODEL
TA
ADuM3190A/ADuM3190B
−40
+85
°C
ADuM3190S/ADuM3190T
−40
+125
°C
SUPPLY VOLTAGES1
VDD1, VDD2
3.0
20
V
INPUT SIGNAL RISE AND FALL TIMES
tR, tF
1.0
ms
1
All voltages are relative to their respective grounds.


Similar Part No. - ADuM3190WSRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
More results

Similar Description - ADuM3190WSRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com