Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7500 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7500
Description  Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7500 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7500 Datasheet HTML 1Page - Maxim Integrated Products MAX7500 Datasheet HTML 2Page - Maxim Integrated Products MAX7500 Datasheet HTML 3Page - Maxim Integrated Products MAX7500 Datasheet HTML 4Page - Maxim Integrated Products MAX7500 Datasheet HTML 5Page - Maxim Integrated Products MAX7500 Datasheet HTML 6Page - Maxim Integrated Products MAX7500 Datasheet HTML 7Page - Maxim Integrated Products MAX7500 Datasheet HTML 8Page - Maxim Integrated Products MAX7500 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Digital Temperature Sensors and Thermal
Watchdog with Bus Lockup Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(+VS = +3.0V to +5.5V, TA = -55
°C to +125°C, unless otherwise noted. Typical values are at +VS = +3.3V, TA = +25°C.) (Notes 4, 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifica-
tions do not apply when operating the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > + VS), the current at that pin should be
limited to 5mA. The 20mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 5mA to 4.
Note 3: Human Body Model, 100pF discharged through a 1.5k
Ω resistor.
(Note 1)
+VS to GND ............................................................. -0.3V to +6V
OS, SDA, SCL to GND.......................................... -0.3V to +6.0V
All Other Pins to GND ................................ -0.3V to (+VS + 0.3V)
Input Current at Any Pin (Note 2) ..................................... +5mA
Package Input Current (Note 2) ..................................... +20mA
ESD Protection (all pins, Human Body Model, Note 3)...
±2000V
Continuous Power Dissipation (TA = +70
°C)
8-Pin µMAX (derate 4.5mW/
°C above +70°C) ............ 362mW
8-Pin SO (derate 5.9mW/
°C above +70°C)................. 471mW
Operating Temperature Range ....................... -55
°C to +125°C
Junction Temperature .................................................... +150
°C
Storage Temperature Range ........................... -65
°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-25°C
TA
≤ +100°C
±2.0
Accuracy
-55°C
≤ TA ≤ +125°C
±3.0
°C
Resolution
9
Bits
Conversion Time
(Note 6)
100
ms
I
2C inactive
0.25
0.5
mA
Shutdown mode, +VS = 3V
3
Quiescent Supply Current
Shutdown mode, +VS = 5V
5
µA
+VS Supply Voltage Range
3.0
5.5
V
OS Output Saturation Voltage
IOUT = 4.0mA (Note 7)
0.8
V
OS Delay
(Note 8)
1
6
Conver-
sions
TOS Default Temperature
(Note 9)
80
°C
THYST Default Temperature
(Note 9)
75
°C
LOGIC (SDA, SCL, A0, A1, A2)
Input High Voltage
VIH
+VS x
0.7
V
Input Low Voltage
VIL
+VS x
0.3
V
Input High Current
IIH
VIN = 5V
0.005
1.0
µA
Input Low Current
IIL
VIN = 0V
0.005
1.0
µA
Input Capacitance
All digital inputs
5
pF
Output High Current
VIN = 5V
1
µA
Output Low Voltage
IOL = 3mA
0.4
V


Similar Part No. - MAX7500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX7500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com