Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8504WRUZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADD8504WRUZ-REEL
Description  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8504WRUZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADD8504WRUZ-REEL Datasheet HTML 3Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 4Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 5Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 6Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 7Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 8Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 9Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 10Page - Analog Devices ADD8504WRUZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADD8504/ADD8505/ADD8506
Rev. D | Page 7 of 12
APPLICATIONS INFORMATION
The ADD8504/ADD8505/ADD8506 have CMOS buffers with
A/B inputs to select between two different reference voltages set
up by an external resistor ladder. Input bias currents are orders
of magnitude less than competitive parts. This allows the use of
a very large resistor ladder to save supply current.
The buffer outputs are designed to drive resistive or capacitive
loads. Therefore, to attain the best display performance, do not
use resistors in series with these outputs. Outputs have high
slew rates and 6 μs settling times. Each output delivers a mini-
mum of 120 mA, ensuring a fast response to varying loads.
Power supply pins on the ADD8505 and ADD8506 have
multiple ground (GND) and supply (VCC) connections.
Because of the high peak currents that these buffers deliver, it
is recommended that all GND and VCC pins be connected and
suitably bypassed.
Table 6. Mux Function
A/B Select
Input
Logic High
INAx
Logic Low
INBx
RB1
RB2
RB3
RB4
RB5
RB6
5V
5V
RB7
RA1
RA2
RA3
RA4
RA5
RA6
RA7
0.1
μF
0.1
μF
NOTES
1. RAx RESISTORS ARE USED TO SET POSITIVE INVERSION GAMMA VOLTAGES.
2. RBx RESISTORS ARE USED TO SET NEGATIVE INVERSION GAMMA VOLTAGES.
2
23
24
TO COLUMN
DRIVERS
VCOM
(INVERTING SIGNAL)
5V
0.1
μF
1
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
10
10
14
11
12
13
Figure 12. ADD8506 Typical Application


Similar Part No. - ADD8504WRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8504WRUZ-REEL AD-ADD8504WRUZ-REEL Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8504WRUZ-REEL7 AD-ADD8504WRUZ-REEL7 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
More results

Similar Description - ADD8504WRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com