Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7378CRMG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7378CRMG
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378CRMG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7378CRMG Datasheet HTML 2Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 3Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 4Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 5Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 6Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 7Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 8Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 9Page - Maxim Integrated Products MAX7378CRMG Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
_______________________________________________________________________________________
9
PART
PIN-PACKAGE
RESET OUTPUT TYPE
RESET THRESHOLD (V)
FREQUENCY (MHZ)
MAX7378CRMG
8 µMAX
Open drain
2.57
1
MAX7378CROK
8 µMAX
Open drain
2.57
1.8432
MAX7378CRQT
8 µMAX
Open drain
2.57
3.39545
MAX7378CRQW
8 µMAX
Open drain
2.57
3.6864
MAX7378CRRD
8 µMAX
Open drain
2.57
4
MAX7378CRRH
8 µMAX
Open drain
2.57
4.1943
MAX7378CRTP
8 µMAX
Open drain
2.57
8
MAX7378CMMG
8 µMAX
Open drain
4.29
1
MAX7378CMOK
8 µMAX
Open drain
4.29
1.8432
MAX7378CMQT
8 µMAX
Open drain
4.29
3.39545
MAX7378CMQW
8 µMAX
Open drain
4.29
3.6864
MAX7378CMRD
8 µMAX
Open drain
4.29
4
MAX7378CMRH
8 µMAX
Open drain
4.29
4.1943
MAX7378CMTP
8 µMAX
Open drain
4.29
8
Table 3. Standard Part Numbers
Chip Information
TRANSISTOR COUNT: 2027
PROCESS: BiCMOS


Similar Part No. - MAX7378CRMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7378CRMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com