Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7376CRMG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7376CRMG
Description  Silicon Oscillator with Reset Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7376CRMG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7376CRMG Datasheet HTML 1Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 2Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 3Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 4Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 5Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 6Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 7Page - Maxim Integrated Products MAX7376CRMG Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon Oscillator with Reset Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND .............................................................-0.3V to +6V
All Other Pins to GND ................................-0.3V to (VCC + 0.3V)
CLOCK Current ................................................................±10mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23
(derate 7.1mW/°C above +70°C) ...................571mW (U5 - 2)
Operating Temperature Range .........................-40°C to +135°C
Junction Temperature .....................................................+150°C
Storage Temperature Range.............................-60°C to +150°C
Lead Temperature (soldering, 10s).................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
2.7
5.5
V
fCLOCK = 8MHz, no load
3
5
mA
Operating Supply Current
ICC
fCLOCK = 32.768kHz, no load
13
25
µA
CLOCK OUTPUT
Minimum Operating Voltage
1.65
V
VCC = 4.5V, ISOURCE = 9mA
VCC
- 0.4
Output High Voltage
VOH
VCC = 2.7V, ISOURCE = 2.5mA
VCC
- 0.4
V
VCC = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VCC = 2.7V, ISINK = 10mA
0.4
V
VCC = 5V, TA = +25°C (Note 2)
-2
+2
Initial Frequency Accuracy
fCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
-4
+4
%
Frequency Temperature
Sensitivity
(Note 3)
±50
±325
ppm/
oC
VCC = 5V, TA = +25°C (Note 2)
32.440
32.768
33.096
Initial Frequency Accuracy
(32.768kHz)
fCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
31.785
33.751
kHz
Frequency Temperature
Sensitivity
32.768kHz (Note 3)
±50
±325
ppm/
oC
CLOCK Output Duty Cycle
43
50
57
%
CLOCK Output Jitter
Observation of 8MHz output for 20s using a
500MHz oscilloscope
160
psP-P
CLOCK Output Rise Time
tR
10% to 90%
5
ns
CLOCK Output Fall Time
tF
90% to 10%
5
ns


Similar Part No. - MAX7376CRMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7376CRMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com