Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2006 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FPF2006
Description  IntelliMAX??Advanced Load Management Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2006 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FPF2006 Datasheet HTML 1Page - Fairchild Semiconductor FPF2006 Datasheet HTML 2Page - Fairchild Semiconductor FPF2006 Datasheet HTML 3Page - Fairchild Semiconductor FPF2006 Datasheet HTML 4Page - Fairchild Semiconductor FPF2006 Datasheet HTML 5Page - Fairchild Semiconductor FPF2006 Datasheet HTML 6Page - Fairchild Semiconductor FPF2006 Datasheet HTML 7Page - Fairchild Semiconductor FPF2006 Datasheet HTML 8Page - Fairchild Semiconductor FPF2006 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FPF2000-FPF2007 Rev. C1
Electrical Characteristics
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Basic Operation
Operating Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
IOUT = 0mA
VIN = 1.8 to 3.3V
60
µA
VIN = 3.3 to 5.5V
100
Latch-Off Current
ILATCH
FPF2002, FPF2006
40
µA
Shutdown Current
ISHDN
1µA
On-Resistance
RON
TA = 25°C, IOUT = 20mA
0.7
1
TA = -40 to +85°C, IOUT = 20mA
0.85
ON Input Logic High Voltage
VIH
VIN = 1.8V
0.5
0.66
V
VIN = 5.5V
0.9
1.22
ON Input Logic Low Voltage
VIL
VIN = 1.8V
0.64
0.8
V
VIN = 5.5V
1.17
1.5
ON Input Leakage
VON = VIN or GND
1
µA
Off Switch Leakage
ISWOFF
VON = 0V, VOUT = 0V
1
µA
FLAGB Output Logic Low Voltage
VIN = 5V, ISINK = 10mA
0.1
0.2
V
VIN = 1.8V, ISINK = 10mA
0.1
0.3
FLAGB Output High Leakage Current
VIN = 5V, Switch on
1
µA
Protections
Current Limit
ILIM
VIN = 3.3V,
VOUT = 0V
FPF2000, FPF2001,
FPF2002, FPF2003
50
75
100
mA
VIN = 3.3V,
VOUT = 0V
FPF2004, FPF2005,
FPF2006, FPF2007
100
150
200
Thermal Shutdown
TJ Increasing
140
°C
TJ Decreasing
130
°C
Under Voltage Shutdown
UVLO
VIN Increasing
1.5
1.6
1.7
V
Under Voltage Shutdown Hysteresis
50
mV
Dynamic
Turn on time
tON
Ω, CL=0.1µF
50
µs
Turn off time
tOFF
Ω, CL=0.1µF
0.5
µs
Rise Time
tRISE
Ω, CL=0.1µF
10
µs
Fall Time
tFALL
Ω, CL=0.1µF
0.1
µs
OVER Current Blanking Time
tBLANK
FPF2000, FPF2001, FPF2002,
FPF2004, FPF2005, FPF2006
510
20
ms
Auto-Restart Time
tRESTART
FPF2000, FPF2001, FPF2004,
FPF2005
40
80
160
ms
Short Circuit Response Time
Vin = Von = 3.3V. Moderate
Over-current condition.
3µs
Vin = Von = 3.3V. Hard Shorts.
20
nS


Similar Part No. - FPF2006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2006 FAIRCHILD-FPF2006 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2006 ONSEMI-FPF2006 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com