Electronic Components Datasheet Search
Selected language     English  â–¼
Part Name
         Description


9--21000--0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 9--21000--0
Description  Pneumatic CERTI-CRIMP Tool
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Instruction Sheet
Pneumatic CERTI- CRIMP* Tool
Holder 356304- 1 (For Use with 626
408--4321
LOC B
1
of 4
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
11 MAR 10 Rev C
Pneumatic Tooling Assemblies)
Figure 1
Tool Holder
Body
Ratchet
Pawl
Adjustable
Eccentric
Cam
Pivot Pin
(4 Places)
Cam
Setscrew
Applicable Crimp Head Adapters:
Straight Action Crimper 217200--1
Heavy--Head Pneumatic Adapter 318453--1
Modular Plug Adapter 318510--1
Straight Action Crimp Head Adapter 217201--1
“T”--HEAD* Pneumatic Adapter 217202--1
C--Head Pneumatic Adapter 318161--1
Securing Screw (3 Places)
Eccentric
Adjustment
Screw
1. INTRODUCTION
Pneumatic CERTI--CRIMP Tool Holder 356304--1 is
used in conjunction with 626 Pneumatic Tooling
Assemblies 189721--1 or 189722--1 to crimp various
types of connectors. The tool holder is designed to
accept interchangeable crimp head adapters (listed in
Figure 1) which hold various crimping die assemblies.
For questions concerning the setup and operation of
the pneumatic tools, refer to Customer Manual
409--5862.
Read these instructions thoroughly before installing
the crimp head adapters and using the tool holder.
Dimensions are in millimeters [with inch
equivalents in brackets]. Figures and illustrations
are for identification only and are not drawn to
scale.
Reasons for reissue of this sheet are provided in
Section 7, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
The tool holder consists of a tool holder body, cam,
cam setscrew, adjustable eccentric, pivot pins, and
ratchet pawl with emergency release. The ratchet
ensures that the tool completes the crimp cycle.
3. INSTALLATION PROCEDURE
3.1. Tool Holder Installation
Previously installed cams and tool holders must
be removed before installing different ones.
Removal is the reverse of installation.
Air pressure must be removed from the tool while
head or tool holder is detached.
If the piston is not extended, it must first be extended
to allow installation of the cam. To extend the piston,
firmly grasp the piston with piston pliers and pull away
from the body of the tool. Piston pliers are provided
with the power unit.
A strip of adhesive--backed safety labels, printed in
various languages, is packaged with the tool holder.
Remove the appropriate language label from the strip
and attach it to the tool holder body.
Be sure to use the correct combination of cam
and tool holder. If incorrect combination is used,
system will not operate properly.
Proceed as follows:
1. If cam setscrew is not installed in cam, thread
setscrew into cam two to three turns. See Figure 2.
2. Place cam (with setscrew) onto piston rod. The
cam should butt against the piston rod face. If not,
turn cam setscrew counterclockwise until cam fits
on piston rod properly.
3. Tighten cam setscrew, then pull on cam to
ensure that it is firmly attached.
NOTE
i
NOTE
i
DANGER
CAUTION
!




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl