Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

318018--1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 318018--1
Description  Double Action Hand Tool
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

318018--1 Datasheet(HTML) 3 Page - Tyco Electronics

  318018--1 Datasheet HTML 1Page - Tyco Electronics 318018--1 Datasheet HTML 2Page - Tyco Electronics 318018--1 Datasheet HTML 3Page - Tyco Electronics 318018--1 Datasheet HTML 4Page - Tyco Electronics 318018--1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408--4485
DAHT Adapter Assembly 1213563--1
3
of 5
Rev B
Tyco Electronics Corporation
Figure 3
Setscrew
Adapter
Cam
Piston
Rod
Pneumatic Tool
Locking Ring
Friction
Ring
Stop Ring
Adapter Assembly
Crimp Head
(Installed)
4. Properly align the adapter with the cam and
push the adapter onto the pneumatic tool so that it
passes over the friction ring of the pneumatic tool.
5. Slide the locking ring toward the adapter until it
butts against the stop ring of the pneumatic tool.
Then turn the locking ring clockwise to engage
threads on the bottom of the adapter. Tighten the
locking ring to fully secure the adapter.
When the adapter is properly installed, the
locking ring should be butted against the stop
ring and threads of the adapter should not be
visible. If not properly installed, check that correct
combination of cam and adapter was used and
that they are aligned properly.
6. Rotate the adapter one full turn in each direction
and note that the locking ring rotates with the
adapter.
To avoid personal injury, periodically check that
the locking ring is tightly securing the adapter.
7. Connect the pneumatic tool to an adequate
air supply (between 620 and 690 kPa [90 and
100 psi]). For specific information on air line
requirements and air hose installation, refer to
409--5862.
8. Removal is the reverse of installation.
4. MAINTENANCE AND INSPECTION
A maintenance and inspection program should be
performed periodically to ensure dependable and
uniform terminations.
To avoid personal injury, ALWAYS disconnect the
main air supply and electrical supply (if
applicable) of the pneumatic tool before
performing maintenance or inspection.
4.1. Daily Maintenance
Each operator must be responsible for the following
steps of daily maintenance:
1. Remove dust, moisture, and other contaminants
with a clean, soft brush, or a lint--free cloth. DO
NOT use objects that could damage the adapter.
2. Make sure that all pins, rings, and other
components are in place and secure.
3. Make certain all surfaces are protected with a
thin coat of any good SAE 20 motor oil. DO NOT
oil excessively.
4. When the adapter assembly is not in use, store
it in a clean, dry area.
SAE is a trademark of SAE International Corporation.
NOTE
i
DANGER
DANGER


Similar Part No. - 318018--1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
318018 LITTELFUSE-318018 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 318018--1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
   DOUBLE ACTIon HAND TOOL
A
logo
Tyco Electronics
47417 MACOM-47417 Datasheet
51Kb / 1P
   DOUBLE ACTION HAND TOOL ASSEMBLY
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
STS-M-309-2830-12 SAMTEC-STS-M-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
CAT-HT-144-2830-12 SAMTEC-CAT-HT-144-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
STS-M-203-2830-12 SAMTEC-STS-M-203-2830-12 Datasheet
678Kb / 3P
   Parallel Action Hand Tool
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
   Straight Action Hand Tool
CAT-HT-309-2830-12 SAMTEC-CAT-HT-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
CAT-HT-310-1012-14 SAMTEC-CAT-HT-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com