Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4--21028--9 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 4--21028--9
Description  Pneumatic CERTI-CRIMP Tool Holder
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
408- 4303
Pneumatic CERTI- CRIMP Tool Holder Assemblies 356302- 1, 356303- 1, and 1673611- 1
Rev F
4
of 4
Tyco Electronics Corporation
7. REVISION SUMMARY
Since the previous release of this sheet, the following
changes were made:
S
Updated document to corporate requirements
S
Added ORIGINAL INSTRUCTIONS
2
9
10
5
4
12
6
7
3
1
11
8
13
14
ITEM
PART NUMBER
DESCRIPTION
QTY PER TOOL HOLDER
ITEM
PART NUMBER
DESCRIPTION
356302--1
356303--1
1673611--1
356438--1
CAM, Small
--
1
--
1
356444--1
CAM, Large
1
--
--
1673602--1
CAM, Logic, Short
--
--
1
2
356439--1
ECCENTRIC
1
1
1
3
356440--2
INSERT, 626 Ratchet
--
1
1
3
356440--1
INSERT, 626 Ratchet
1
--
--
4
356441--1
PAWL
1
1
1
5
354425--1s
PIN, Pivot
2
2
2
6
3--21028--5
PIN, Slotted Spring (.09 x .375 in.)
--
2
2
7
4--21028--4
PIN, Slotted Spring (.09 x 1.00 in.)
2
2
2
8
4--21028--9
PIN, Slotted Spring (.125 x .375 in.)
1
1
1
9
356437--1
PLATE, Eccentric Adjustment
1
1
1
10
1--21000--5
SCREW, Socket Head Cap (4--40 x .500 in.)
4
4
4
11
189765--1s
SETSCREW, Cam
1
1
1
12
37887
SPRING
1
1
1
13
356442--1
TOOL HOLDER, Small
--
1
1
13
356443--1
TOOL HOLDER, Large
1
--
--
14
21055--4
WASHER, Flat No. 4
3
3
3
Not
356022--1s
SLEEVE, Safety, Small
--
1
1
Not
Shown
356022--2s
SLEEVE, Safety, Large
1
--
--
Figure 4
s
Recommended Spare Part




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl