Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5--21012--4 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 5--21012--4
Description  0.8mm CHAMP* Crimper Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
408- 4040
0.8mm CHAMP Crimper Assemblies 122842- 1, 122842- 2, and 122842- 3
Rev C
4
of 4
Tyco Electronics Corporation
67.3
[2.65]
101.6
[4.00]
Weight:
1.36 kg [3 lbs]
100.3
[3.95]
7
1
6
3
2
13 15
4
5
8
9 10
11 12 14 16
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER ASSEMBLY
ITEM
PART NUMBER
DESCRIPTION
122842--1
122842--2
122842--3
1
527246--1
TOOL MOUNT
1
1
1
2
122839--1
CRIMPER, 50--Position
1
3
2--21000--6
SCREW, Socket Head Cap, 8--32¢.38 in.
1
1
1
4
543156--1
SPRING, Cable Clamp
2
2
2
5
2--21000--5
SCREW, Socket Head Cap, 8--32¢.25 in.
2
2
2
6
856593--1
SLIDE
1
1
1
7
1--21003--9
SCREW, Flat Head Cap, 6--32¢.32 in.
2
2
2
8
23673--1
HANDLE, Ball
1
1
1
9
21018--7
NUT, Hex 10--32
1
1
1
10
5--21012--4
SCREW, Set 10--32¢.50 in.
1
1
1
11
122841--1
BLOCK, Support, 50--Position
1
12
2--21000--7
SCREW, Socket Head Cap, 8--32¢.50 in.
1
1
1
13
189544--1
CRIMPER, 68--Position
1
14
189543--1
BLOCK, Support, 68--Position
1
15
189544--2
CRIMPER, 36--Position
1
16
189543--2
BLOCK, Support, 36--Position
1
Figure 3




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl