Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP90Q-4824SRW Datasheet(PDF) 10 Page - Recom International Power

Part # RP90Q-4824SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP90Q-4824SRW Datasheet(HTML) 10 Page - Recom International Power

Back Button RP90Q-4824SRW Datasheet HTML 6Page - Recom International Power RP90Q-4824SRW Datasheet HTML 7Page - Recom International Power RP90Q-4824SRW Datasheet HTML 8Page - Recom International Power RP90Q-4824SRW Datasheet HTML 9Page - Recom International Power RP90Q-4824SRW Datasheet HTML 10Page - Recom International Power RP90Q-4824SRW Datasheet HTML 11Page - Recom International Power RP90Q-4824SRW Datasheet HTML 12Page - Recom International Power RP90Q-4824SRW Datasheet HTML 13Page - Recom International Power RP90Q-4824SRW Datasheet HTML 14Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
IEC/EN Information Technology Equipment - General Requirments for Safety
TW1608086-001
IEC60950-1, 2nd Edition, 2005
EN60950-1, 2nd Edition, 2006
Railway Applications - Electrical Equipment used on rolling stock
TW1608078-001
EN50155, 2007
EMI Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
with external filter
EN55022, Class A and Class B
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement
EN55011, Class A and Class B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity(6)
Surge Immunity(6)
Immunity to conducted disturbances, induced by radio-frequency fields
Power Magnetic Field Immunity
Air ±8kV and Contact ±6kV
20 V/m
±2kV
EN55024 & EN50155 ±2kV
10 Vr.m.s
100A/m continuous; 1000A/m 1s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page
PB-10
REV.: 2/2016
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP90Q-RW
Series
www.recom-power.com
Notes:
Note6: An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The
24Vin and 48Vin version recommend 2pcs of aluminium elecrolytic capacitor to connect in parallel.
Recom suggest: Nippon Chemi-con KY series, 220µF/100V.
The
110Vin version recommend 2pcs of aluminium electrolytic capacitor to connect in parallel.
Recom suggest: Nippon Chemi-con KXJ series, 150µF/200V
Fuse
RP90Q-24xxSRW, Class A
RP90Q-48xxSRW, Class A
RP90Q-110xxSRW, Class A
C1
C2
C4
C3
+VIN
-VIN
C10
C9
Case
L1
C5
C6
C7
C8
C11
C12
C13
C14
Fuse
C1
+VIN
-VIN
C6
Case
L1
C5
C2
C4
C3
C8
C7
RP90Q-48xxSRW, Class B
RP90Q-24xxSRW, Class B
RP90Q-110xxSRW, Class B
Fuse
C2
C3
+VIN
-VIN
Case
L1
L2
C1
Shield Plane
C4
C5
C7
C11
C10
C6
C9
C8
C13
C12
Fuse
+VIN
-VIN
Case
L1
L2
C1
Shield Plane
C2
C3
C7
C6
C5
C4
C9
C8
Fuse
C2
C3
+VIN
-VIN
Case
L1
C1
Shield Plane
Shield Plane
Shield Plane
C5
C4
C6
C8
C12
C11
C7
C10
C9
C14
C13
MODEL
C1
C2, C3, C4
C5
C6, C7, C8
C9 to C14
L1
RP90Q-24xxSRW
N/A
6.8µF, 50V
1812 MLCC
N/A
6.8µF, 50V
1812 MLCC
1000pF, 3kV
1808 MLCC
0.68µH, 17A
SMD Inductor
RP90Q-48xxSRW
4.7µF, 100V
1812 MLCC
4.7µF, 100V
1812 MLCC
4.7µF, 100V
1812 MLCC
4.7µF, 100V
1812 MLCC
1000pF, 3kV
1808 MLCC
3.3µH, 10A
SMD Inductor
EMI Filtering according to EN55022/11 Class A and EN50121-1 (24Vin and 48Vin)


Similar Part No. - RP90Q-4824SRW

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RP900B EDI-RP900B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results

Similar Description - RP90Q-4824SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com