Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP90Q-2405SRW Datasheet(PDF) 11 Page - Recom International Power

Part # RP90Q-2405SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP90Q-2405SRW Datasheet(HTML) 11 Page - Recom International Power

Back Button RP90Q-2405SRW Datasheet HTML 7Page - Recom International Power RP90Q-2405SRW Datasheet HTML 8Page - Recom International Power RP90Q-2405SRW Datasheet HTML 9Page - Recom International Power RP90Q-2405SRW Datasheet HTML 10Page - Recom International Power RP90Q-2405SRW Datasheet HTML 11Page - Recom International Power RP90Q-2405SRW Datasheet HTML 12Page - Recom International Power RP90Q-2405SRW Datasheet HTML 13Page - Recom International Power RP90Q-2405SRW Datasheet HTML 14Page - Recom International Power RP90Q-2405SRW Datasheet HTML 15Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DC/DC Converter
PB-11
REV.: 2/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP90Q-RW
Series
continued on next page
Conducted Emission EN55022 Class A
Conducted Emission EN55022 Class A
RP90Q-2405SRW
RP90Q-4805SRW
Fuse
RP90Q-24xxSRW, Class A
RP90Q-48xxSRW, Class A
RP90Q-110xxSRW, Class A
C1
C2
C4
C3
+VIN
-VIN
C10
C9
Case
L1
C5
C6
C7
C8
C11
C12
C13
C14
Fuse
C1
+VIN
-VIN
C6
Case
L1
C5
C2
C4
C3
C8
C7
RP90Q-48xxSRW, Class B
RP90Q-24xxSRW, Class B
RP90Q-110xxSRW, Class B
Fuse
C2
C3
+VIN
-VIN
Case
L1
L2
C1
Shield Plane
C4
C5
C7
C11
C10
C6
C9
C8
C13
C12
Fuse
+VIN
-VIN
Case
L1
L2
C1
Shield Plane
C2
C3
C7
C6
C5
C4
C9
C8
Fuse
C2
C3
+VIN
-VIN
Case
L1
C1
Shield Plane
Shield Plane
Shield Plane
C5
C4
C6
C8
C12
C11
C7
C10
C9
C14
C13
EMI Filtering according to EN55022/11 Class A and EN50121-1 (110Vin)
MODEL
C1, C2
C3 to C8
L1
RP90Q-110xxSRW
39µF, 250V
Al cap. (lie down) Rubycon BXF
1000pF, 3kV
1808 MLCC
30.1µH, 5A
SMD Inductor


Similar Part No. - RP90Q-2405SRW

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RP900B EDI-RP900B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results

Similar Description - RP90Q-2405SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com