Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60BK531-K350N1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60BK531-K350N1
Description  Surge Arrester Bulkhead Jack - Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60BK531-K350N1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60BK531-K350N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60BK531-K350N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet - Draft
7-16
Surge Arrester
Bulkhead Jack - Jack
60BK531-KXXXN1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical Data
Impedance
50
Frequency
DC to 2.2 GHz
Return loss
 30 dB @ DC to 1.5 GHz
 22 dB @ 1.5 GHz to 1.9 GHz
 16 dB @ 1.9 GHz to 2.2 GHz
Insertion loss
 0.1 x
[GHz]
f
dB
Insulation resistance
 10 G
Center contact resistance
 0.4 m
Outer contact resistance
 1.5 m
Power handling (at 20 °C, sea level, VSWR 1.0)
P=U²/R (W) (depending on the gas capsule)
RF-leakage
 128 dB @ DC to 1 GHz
Nominal impulse discharge current
20 kA (8/20 µs)
Nom. DC spark over voltage
see table on page one
Mechanical Data
Mating cycles
 500
Coupling nut retention
 1000 N
Center contact captivation: axial
 200 N
radial
 2 Ncm
Coupling torque (recommended)
25 to 30 Nm
Proof torque
 35 Nm
Screw tightening torque with gas capsule
9 Nm min.
Environmental Data
Temperature range
-45 °C to +85 °C
Rapid change of temperature
DIN EN 122190, Sub-clause 4.6.7
Corrosion resistance
DIN EN 122190, Sub-clause 4.6.10
Vibration
DIN EN 122190, Sub-clause 4.6.3
Climatic category
DIN EN 122190, Sub-clause 4.6.5 (45/85/56)
Damp heat
DIN EN 122190, Sub-clause 4.6.6
Degree of protection (mated pair)
IEC 60529, IP68 2.5 bar
RoHS
compliant
Weight
Weight
332 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
M. Wimmer
07.05.13
Sa. Krautenbacher
20.03.14
300
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 60BK531-K350N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60BK531-S230N1 ROSENBERGER-60BK531-S230N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60BK531-S350N1 ROSENBERGER-60BK531-S350N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
More results

Similar Description - 60BK531-K350N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60HK561-K00N1 ROSENBERGER-60HK561-K00N1 Datasheet
81Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
60BK566-K090N1 ROSENBERGER-60BK566-K090N1 Datasheet
389Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
60HK566-S00N1 ROSENBERGER-60HK566-S00N1 Datasheet
132Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60HK561-S00N1 ROSENBERGER-60HK561-S00N1 Datasheet
74Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S090N1 ROSENBERGER-60BK566-S090N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60HK565-K00N1 ROSENBERGER-60HK565-K00N1 Datasheet
83Kb / 2P
   SURGE ARRESTER JACK - JACK
60HK565-S00N1 ROSENBERGER-60HK565-S00N1 Datasheet
104Kb / 2P
   SURGE ARRESTER JACK - PLUG
logo
Linx Technologies
ARR-NF-NF-B-8 LINX-ARR-NF-NF-B-8 Datasheet
724Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NF-B LINX-ARR-NF-NF-B Datasheet
728Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com