Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6281 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6281
Description  Ball guide prevents over compression of elastomer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6281 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6281 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6281 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6281 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE 3 of 3
Status: Released
Drawing: Vinayak R
Scale: -
Rev: A
Date: 1/2/09
File: SG-BGA-6281 Dwg.mcd
SG-BGA-6281Drawing
Modified:
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
E
D
e
Y
X
Ø0.25
Ø0.10
Z X Y
Øb
3
4
5
DETAIL
TOP VIEW
BOTTOM VIEW
SIDE VIEW
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME
Y14.5M-1994.
Dimension b is measured at the maximum
solder ball diameter, parallel to datum plane Z.
Datum Z (seating plane) is defined by the
spherical crowns of the solder balls.
Parallelism measurement shall exclude any
effect of mark on top surface of package.
DIM
MIN
MAX
A
1.2
A1
0.3
0.4
b
0.50
D
E
e
12.50 BSC
8.00 BSC
0.80 BSC
Compatible BGA Spec
0.20
Array 9x15
2
1
0.40
11.2mm
6.4mm
2.48mm
A
A1
DETAIL
0.12 Z
Z
0.20 Z


Similar Part No. - SG-BGA-6281

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6280 IRONWOOD-SG-BGA-6280 Datasheet
63Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6282 IRONWOOD-SG-BGA-6282 Datasheet
115Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6283 IRONWOOD-SG-BGA-6283 Datasheet
132Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6284 IRONWOOD-SG-BGA-6284 Datasheet
113Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6286 IRONWOOD-SG-BGA-6286 Datasheet
74Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6281

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com