Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE-HP-XXI Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # POE-HP-XXI
Description  Minimum cross talk and insertion loss
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

POE-HP-XXI Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  POE-HP-XXI Datasheet HTML 1Page - Laird Tech Smart Technology POE-HP-XXI Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE-HP-xxi
Power-Over-Ethernet Power
Supply/Inserter
ANT-DS-POE-HP-XXi 0915
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird materials
rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any
specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a
copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc.
or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
SPECIFICATIONS
Input Voltage:
90 – 264 VAC @ 47 – 63 Hz
Input Current @ Full Load: 0.6 A @ 120 VAC
0.35 A @ 230 VAC
Efficiency:
80% Min.
Output Voltage:
POE-HP-50i 50 VDC @ 1A
POE-HP-24i 24 VDC @ 2A
Minimum Load:
0.1 A Min
Output Ripple:
1% Max
Line Regulation:
1%
Load Regulation:
2%
Operating Temperature:
-15 to +60°C
Storage Temperature:
-40 to +85°C
Operating Humidity:
5% to 90% non condensing
Size (L x W x H):
4.88 x 2.88 x 1.47 in
(124 x 74 x 38 mm)
Weight:
8 oz (227 gm)
AC Connector:
IEC 320 EN 60320 C13 (F)
Data IN Conn.:
RJ45 Shielded Socket
Data/POE OUT Conn.:
RJ45 Shielded Socket
LED:
(amber) Green
COMPLIANCE
IEEE
802.3af POE Standard Mode B
EMI
EN55022 ( CISPR22) class B
Meets CE
EMS
EN61000-4-2,3,4,5,6,8,11
802.3AF POE POWER UP SEQUENCE
1. Detection – Look for 802.3af compliant signature
2. Startup – Ramp power safely
3. Operation – Continuously monitor for short circuit or overload
SYSTEM ORDERING INFORMATION
50 VDC @ 1 A POE Power Supply / Inserter (Includes AC Power Cord)
POE-HP-50i
POE-HP-24i
24 VDC @ 2 A POE Power Supply / Inserter (Includes AC Power Cord)
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
Power Supply Inserter AC Power IN
(90-264VAC)@120V/230
Power Supply Inserter
Data IN
Power Supply Inserter
Data/POE OUT


Similar Part No. - POE-HP-XXI

ManufacturerPart #DatasheetDescription
logo
SUNNY Computer Technolo...
POE-1215-M3 SUNNY-POE-1215-M3 Datasheet
761Kb / 2P
   Desktop
POE-2424-M3 SUNNY-POE-2424-M3 Datasheet
761Kb / 2P
   Desktop
logo
Laird Tech Smart Techno...
POE-48I4S-AFI LSTD-POE-48I4S-AFI Datasheet
1Mb / 2P
   Remote networking equipment
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
POE-4x18i LSTD-POE-4x18i Datasheet
693Kb / 2P
   Remote networking equipment
More results

Similar Description - POE-HP-XXI

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T041X-43-LF BOTHHAND-KLU1T041X-43-LF Datasheet
217Kb / 2P
   LEDS are isolated to reduce cross talk and electro- magnetics interference
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
   Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
   Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
   Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
   Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
   Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
   Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
   Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
   Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
   Low Capacitance and Insertion Loss
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com