Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP51508T-91NM Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # OP51508T-91NM
Description  Conformance to RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OP51508T-91NM Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  OP51508T-91NM Datasheet HTML 1Page - Laird Tech Smart Technology OP51508T-91NM Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-PORT OMNIDIRECTIONAL MIMO ANTENNA
The OP51508T antenna is an indoor/outdoor pole mounted omnidirectional antenna designed for 802.11n
applications. As a 3-element MIMO antenna, each port operates over the 5150-5875 MHz band, providing
a broadband solution in a single radome. It features a low profile radome and is designed to withstand the
rigors of outdoor applications with an IP67 Ingression Protection rating. The radiation patterns are uniform
and symmetrical, providing high levels of signal density into defined coverage zones.This antenna greatly
enhances the performance of 802.11n systems.
CONNECTORS
PART NO.
CONNECTOR
OP51508T-91NM
Type N male
OP5150T-91RSMM
Reverse Polarity SMA male
FEATURES
• Low profile esthetically neutral housing
• Both indoor/outdoor
• 3-element MIMO solution
• IP67 rating
• Conformance to RoHS
5150-5875 MHz 3-port MIMO
Pole/Mast MountAntenna
OP51508T
MARKETS
• Offices, hotels and college campuses
• Airports and hospitals
• Bus terminals and train stations
• Museums, libraries and retail malls
• Wi-Fi Hot Spots
• Cellular off-loading
• 802.11n MIMO
PARAMETER
PERFORMANCE
Frequency
5150-5875 MHz
Peak Gain (dBi)
8.0 dBi
VSWR
2.0:1, Max
Nominal Impedance
50Ω
Polarization
Linear, Vertical
Azimuth
Omnidirectional
Port-to-Port Isolation
22 dB
Input Power
5 W x 3
Cable Type
Low Temperature, Plenum Rated Cable
Cable Length
910 mm± 18 mm 3x (36 in ± 0.71 in 3x)
Radome Material
Polycarbonate, White
Mounting
Mast Mount (31.8 - 57.2 OD)
Wind Survival
200 km/hr (125 mph)
Operational Temperature
-30°C to +70°C
Storage Temperature
-40°C to +85°C
Ingression Protection
IP67
Dimensions (height x OD)
116.5 x 209.6 mm (4.54 in x 8.25 in)
Weight
1.53 kg (3.37 lbs)
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - OP51508T-91NM

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP515A TTELEC-OP515A Datasheet
285Kb / 2P
   NPN Silicon Phototransistors
OP515B TTELEC-OP515B Datasheet
285Kb / 2P
   NPN Silicon Phototransistors
OP515C TTELEC-OP515C Datasheet
285Kb / 2P
   NPN Silicon Phototransistors
OP515D TTELEC-OP515D Datasheet
285Kb / 2P
   NPN Silicon Phototransistors
More results

Similar Description - OP51508T-91NM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DBA6927C1 LSTD-DBA6927C1 Datasheet
2Mb / 2P
   Conformance to RoHS
OP24516DS LSTD-OP24516DS Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8210M3 LSTD-HCR8210M3 Datasheet
1Mb / 2P
   Conformance to RoHS
HCR8819M3 LSTD-HCR8819M3 Datasheet
1,022Kb / 2P
   Conformance to RoHS
DBA6927C1-FSMAF LSTD-DBA6927C1-FSMAF Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
PAV69278O LSTD-PAV69278O Datasheet
1Mb / 3P
   Conformance
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
M/A-COM Technology Solu...
28478-ERR-003-A MA-COM-28478-ERR-003-A_15 Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
28478-ERR-003-A MA-COM-28478-ERR-003-A Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com