Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV-1865 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RV-1865
Description  TURBIDITY SENSOR CONNECTOR MATE - WIRE TO BOARD HOUSING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RV-1865 Datasheet(HTML) 1 Page - Amphenol Corporation

  RV-1865 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Amphenol
Advanced Sensors
967 WINDFALL RD, ST MARYS, PA 15857 Ph (814) 834-9140 Fx (814) 781-7969
The information contained in this document is proprietary to Amphenol Advanced Sensors and shall not be disclosed in whole or in part, in any form or for any
reason except as expressly stated in writing by Amphenol Advanced Sensors.
Form 1018 Rev 00
PRODUCT SPECIFICATION
Originated by: John R. Lukie, Jr.
PAGE 1 of 1
THM Ref. No. RV-1865
DATE: 04/30/2015
RV-1865
CUSTOMER:
CUSTOMER SPECIFICATION No.
Catalog
N/A
DESCRIPTION:
TURBIDITY SENSOR CONNECTOR MATE -
WIRE TO BOARD HOUSING
SPECIFICATION
Housing Mate For:
(use with RV-1866 terminals)
Amphenol Advanced Sensors Turbidity Sensors; TSD-10, TST-10, TSW-10
and Turbidity / Temperature Sensor
Material:
PA66, UL94 V Grade
Voltage Rating:
AC/DC 250V
Current Rating:
AC/DC 3A
Temperature Rating:
-25°C to +85°C
Wire Size:
#22 to #28 AWG
Pitch:
2.50mm
Application Terminal:
RV-1866
OUTLINE DRAWING
Dimensions are in millimeters
(not to scale
)


Similar Part No. - RV-1865

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RV-1866 AMPHENOL-RV-1866 Datasheet
104Kb / 1P
   TURBIDITY SENSOR CONNECTOR MATE - WIRE TO BOARD CRIMP TERMINAL
More results

Similar Description - RV-1865

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RV-1866 AMPHENOL-RV-1866 Datasheet
104Kb / 1P
   TURBIDITY SENSOR CONNECTOR MATE - WIRE TO BOARD CRIMP TERMINAL
TSD-10 AMPHENOL-TSD-10 Datasheet
107Kb / 2P
   Turbidity Sensor
TST-10 AMPHENOL-TST-10 Datasheet
74Kb / 2P
   Turbidity Sensor
TSW-10 AMPHENOL-TSW-10 Datasheet
87Kb / 2P
   Turbidity Sensor
logo
Molex Electronics Ltd.
5024390500 MOLEX11-5024390500 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate??Wire-to-Board Housing
5025780700 MOLEX11-5025780700 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing
5023800900 MOLEX11-5023800900 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate??Wire-to-Board Housing
logo
Amphenol Corporation
165D6042P003 AMPHENOL-165D6042P003 Datasheet
128Kb / 2P
   Turbidity and Temperature Sensor
logo
Molex Electronics Ltd.
0151350800 MOLEX1-0151350800 Datasheet
54Kb / 1P
   CLIK-Mate Wire-to-Board Connectors
0151350706 MOLEX1-0151350706 Datasheet
55Kb / 1P
   CLIK-Mate Wire-to-Board Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com