Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC906N Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PC906N
Description  All-welded unit construction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PC906N Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PC906N Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800/900 MHz
Yagi Antennas
ANT-DS-800-900-YAGI 111314
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird aterials rests with the end user, since Laird
and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or
general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from
time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks
or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any
Laird or any third party intellectual property rights.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +
44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +
86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
MODEL
FREQ.
MHz
GAIN
dBd
NO.
ELEM
F TO B
dB
-3 dB BEAMWIDTH CONN.
TYPE
(FEMALE)
W/SURF.
AREA
ft2 (m2)
W/SURV.
mph (kph)
W/ 1/2
in ICE
LENGTH
in (cm)
WT.
LB. (KG)
E-PLANE H-PLANE
PC9013N 902-928
13
13
20
35°
40°
N
0.46
(0.043)
125 (200)
100
(161)
53-1/2
(135.9)
3.12
(1.40)
PC9010N 928-960
12
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
41-7/16
(105.2)
2.31
(1.04)
PC926N 928-960
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.61
(.72)
PC904N 896-980
6
4
15
70°
100°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC906N 896-940
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.62
(.73)
PC8910N 896-940
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
41-7/16
(105.2)
2.31
(1.04)
PC886N 880-960
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.69
(.76)
PC884N 880-960
6
4
15
70°
90°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC8210N 824-896
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
46
(116.8)
2.37
(1.07)
PC8010N 806-869
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
46
(116.8)
2.44
(1.10)
PC804N 806-902
6
4
15
70°
90°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC806N 806-866
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.69
(.76)
PC826N 824-896
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.67
(.75)
ESMR, SMR, CELLULAR, GSM, CONVENTIONAL YAGI ANTENNAS
For 800 MHz ESMR and SMR or conventional applications, choose 4 element PC804N, 6 element
PC806N, or ten element PC8010N. The Laird Technologies PC804N, PC826N, and PC8210N are
also available in the 900 MHz GSM frequency band.
FEATURES
• All-weldedunitconstruction
• Noadjustmentseverneeded
• Waterproofdesign
• Stainlesssteelhardware
• PigtailmountedN-femaleconnector
COMMON SPECIFICATIONS
• Powerhandling–200Watts
• Elements–1/4in(.63cm)6061T6aluminumrod;
Boom–3/4in(1.9cm)6061T6aluminumchannel
• Mountingstyle–U-bolt;maximummastdiameter–
2-1/8in(5.4cm)pigtail–19in(48.3cm)
MARKETS
• WiMAX


Similar Part No. - PC906N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC906N LSTD-PC906N Datasheet
415Kb / 1P
   No adjustments ever needed
More results

Similar Description - PC906N

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
   All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
   All-welded construction
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
   All-welded construction
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
   All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
   All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
   All welded construction
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
   Welded construction
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
logo
New Jersey Semi-Conduct...
MR5005 NJSEMI-MR5005 Datasheet
86Kb / 1P
   Welded hermetically sealed construction
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
   Inductive welded construction epoxy dip coated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com