Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60HK565-S00N1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60HK565-S00N1
Description  SURGE ARRESTER JACK - PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60HK565-S00N1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60HK565-S00N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60HK565-S00N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
7/16
SURGE ARRESTER
JACK - PLUG
60HK565-S00N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Operating frequency
698 to 2500 MHz
Return Loss
21 dB, 698 to 800 MHz
26 dB, 800 to 960 MHz
21 dB, 960 to 1700 MHz
24 dB, 1700 to 2500 MHz
21 dB, 2500 to 2700 MHz
Insertion Loss
 0.1 dB
Center contact resistance
< 0.4 m
Outer contact resistance
< 1.5 m
Power handling (at 20 °C, sea level, VSWR 1.0)
1.8 KW @ 1 GHz
RF-leakage
128 dB @ 1 GHz
Intermodulation (3
rd Order)
< -117 dBm @ 2 x 20 W
Nominal impulse discharge current
25 kA (8/20 µs)
Residual voltage
< 160 V @ 20kA, 8/20 µs
< 15 V @ 4kV 1.2/50µs, 2kA 8/20 µs
Residual energy
< 30 µJ @ 4kV 1.2/50µs, 2kA 8/20 µs
Mechanical data
Mating cycles
min. 500
Coupling nut retention
 1000 N
Center contact captivation: axial
 200 N
radial
 2 Ncm
Coupling torque (recommended)
25 to 30 Nm
Proof torque
max. 35 Nm
Environmental data
Temperature range
-45°C to +85°C
Rapid change of temperature
IEC 60068-2-14 Test Na
Corrosion salt mist
IEC 60068-2-11 Test Ka
Vibration
IEC 60068-2-6 Test Fc
Shock
IEC 60068-2-27 Test Ea
Climatic class
IEC 60068-1 (45/85/56)
Cold
IEC 60068-2-1 Test A
Dry heat
IEC 60068-2-2 Test B
Damp heat (steady state)
IEC 60068-2-3 Test Ca
Degree of protection (mated pair)
IEC 60529, IP68, mated condition
RoHS
compliant
Weight
Weight
266 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Wimmer
17/10/11
Sa. Krautenbacher
20.03.14
600
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 60HK565-S00N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60HK565-K00N1 ROSENBERGER-60HK565-K00N1 Datasheet
83Kb / 2P
   SURGE ARRESTER JACK - JACK
More results

Similar Description - 60HK565-S00N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60HK566-S00N1 ROSENBERGER-60HK566-S00N1 Datasheet
132Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60HK561-S00N1 ROSENBERGER-60HK561-S00N1 Datasheet
74Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S090N1 ROSENBERGER-60BK566-S090N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60HK565-K00N1 ROSENBERGER-60HK565-K00N1 Datasheet
83Kb / 2P
   SURGE ARRESTER JACK - JACK
60BK531-K090N1 ROSENBERGER-60BK531-K090N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60HK561-K00N1 ROSENBERGER-60HK561-K00N1 Datasheet
81Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
60BK566-K090N1 ROSENBERGER-60BK566-K090N1 Datasheet
389Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
logo
EPCOS
A61-A350XF EPCOS-A61-A350XF_1 Datasheet
84Kb / 2P
   Surge Arrester
B88069X1640T902 EPCOS-B88069X1640T902 Datasheet
136Kb / 5P
   Surge arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com