Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60BK566-K350N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60BK566-K350N1
Description  SURGE ARRESTER BULKHEAD JACK - JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60BK566-K350N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60BK566-K350N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60BK566-K350N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
7/16
SURGE ARRESTER
BULKHEAD JACK - JACK
60BK566-KXXXN1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Order No
Nom. DC
spark over
voltage
Residual
voltage
(20kA 8/20 µs)
Residual
voltage
(4kV 1.2/50µs,
2kA 8/20 µs)
Residual
energy
(4kV 1.2/50µs,
2kA 8/20 µs)
Power
handling
(20 °C, sea level,
VSWR 1.0)
Gas capsule
60BK566-K090N1
90 V
≤ 650 V
≤ 650 V
≤ 1 mJ
1000 W
53ZB01-090
60BK566-K230N1
230 V
≤ 900 V
≤ 700 V
≤ 1.6 mJ
5000 W
53ZB01-230
60BK566-K350N1
350 V
≤ 1000 V
≤ 900 V
≤ 2 mJ
10000 W
53ZB01-350
Interface
According to
IEC 61169-4, EN 122190, DIN 47223
Documents
Panel piercing
B 75
Assembly instruction
53_MV-A001


Similar Part No. - 60BK566-K350N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60BK566-S090N1 ROSENBERGER-60BK566-S090N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S230N1 ROSENBERGER-60BK566-S230N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S350N1 ROSENBERGER-60BK566-S350N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
More results

Similar Description - 60BK566-K350N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60BK531-K090N1 ROSENBERGER-60BK531-K090N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60HK561-K00N1 ROSENBERGER-60HK561-K00N1 Datasheet
81Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
60HK566-S00N1 ROSENBERGER-60HK566-S00N1 Datasheet
132Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60HK561-S00N1 ROSENBERGER-60HK561-S00N1 Datasheet
74Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S090N1 ROSENBERGER-60BK566-S090N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60HK565-K00N1 ROSENBERGER-60HK565-K00N1 Datasheet
83Kb / 2P
   SURGE ARRESTER JACK - JACK
60HK565-S00N1 ROSENBERGER-60HK565-S00N1 Datasheet
104Kb / 2P
   SURGE ARRESTER JACK - PLUG
logo
Linx Technologies
ARR-NF-NF-B-8 LINX-ARR-NF-NF-B-8 Datasheet
724Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NF-B LINX-ARR-NF-NF-B Datasheet
728Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com