Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS873 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74AS873
Description  Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS873 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74AS873 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2003 Fairchild Semiconductor Corporation
DS006330
www.fairchildsemi.com
December 1986
Revised July 2003
DM74AS873
Dual 4-Bit D-Type Transparent Latches
with 3-STATE Outputs
General Description
These dual 4-bit registers feature totem-pole 3-STATE out-
puts designed specifically for driving highly-capacitive or
relatively low-impedance loads. The high-impedance state
and increased high-logic-level drive provide these registers
with the capability of being connected directly to and driv-
ing the bus lines in a bus-organized system without need
for interface or pull-up components. They are particularly
attractive for implementing buffer registers, I/O ports, bidi-
rectional bus drivers, and working registers.
The eight latches of the DM74AS873 are transparent D-
type latches meaning that while the enable (G) is HIGH the
Q outputs will follow the data (D) inputs. When the enable
is taken LOW the output will be latched at the level of the
data that was set up.
A buffered output control input can be used to place the
eight outputs in either a normal logic state (HIGH or LOW
logic levels) or a high-impedance state. In the high-imped-
ance state the outputs neither load nor drive the bus lines
significantly.
The output control does not affect the internal operation of
the latches. That is, the old data can be retained or new
data can be entered even while the outputs are OFF.
The pinout is arranged to ease printed circuit board layout.
All data inputs are on one side of the package while all out-
puts are on the other side.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s 3-STATE buffer-type outputs drive bus lines directly
s Space Saving 300 Mil Wide Package
s Bus structured pinout
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74AS873NT
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - DM74AS873

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
DM74AS873NT FAIRCHILD-DM74AS873NT Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
More results

Similar Description - DM74AS873

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54AHCT16373 TI-SN54AHCT16373 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com