Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750CL-15XC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF750CL-15XC
Description  High-speed Complex Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750CL-15XC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF750CL-15XC Datasheet HTML 1Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 2Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 3Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 4Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 5Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 6Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 7Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 8Page - ATMEL Corporation ATF750CL-15XC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ATF750C(L)
2
guarantee fast in-system performance. The ATF750C(L) is
a high-performance CMOS (electrically-erasable) complex
programmable logic device (CPLD) that utilizes Atmel’s
proven electrically-erasable technology.
Each of the ATF750C(L)’s 22 logic pins can be used as an
input. Ten of these can be used as inputs, outputs or bi-
directional I/O pins. Each flip-flop is individually config-
urable as either D- or T-type. Each flip-flop output is fed
back into the array independently. This allows burying of all
the sum terms and flip-flops.
There are 171 total product terms available. There are two
sum terms per output, providing added flexibility. A variable
format is used to assign between four to eight product
terms per sum term. Much more logic can be replaced by
this device than by any other 24-pin PLD. With 20 sum
terms and flip-flops, complex state machines are easily
implemented with logic to spare.
Product terms provide individual clocks and asynchronous
resets for each flip-flop. Each flip-flop may also be individu-
ally configured to have direct input pin controlled clocking.
Each output has its own enable product term. One product
term provides a common synchronous preset for all flip-
flops. Register preload functions are provided to simplify
testing. All registers automatically reset upon power-up.
The ATF750C(L) is a low-power device with speeds
as fast as 15 ns. The ATF750C(L) provides the optimum
low-power CPLD solution. This device significantly
reduces total system power, thereby allowing battery-
powered operations.
DC and AC Operating Conditions
All members of the family are specified to operate in either one of two voltage ranges. Parameters are specified as noted to
be either 2.7V to 3.6V, 5V ± 5% or 5V ± 10%.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V
(1)
5V Operation
Commercial
-7.5, -10, -15
Industrial
-10, -15
Operating Temperature (Ambient)
0°C - 70°C-40°C - +85°C
V
CC Power Supply
5V
± 5%
5V
± 10%


Similar Part No. - ATF750CL-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750CL-15XU ATMEL-ATF750CL-15XU Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750CL-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com