Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750C-15JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF750C-15JC
Description  High-speed Complex Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750C-15JC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF750C-15JC Datasheet HTML 1Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 2Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 3Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 4Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 5Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 6Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 7Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 8Page - ATMEL Corporation ATF750C-15JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ATF750C(L)
5
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
Input Test Waveforms and
Measurement Levels
t
R, tF < 3 ns (10% to 90%)
Output Test Load
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
LI
Input Load Current
V
IN = -0.1V to VCC + 1V
10
µA
ILO
Output Leakage
Current
VOUT = -0.1V to VCC + 0.1V
10
µA
I
CC
Power Supply
Current, Standby
V
CC = Max,
V
IN = Max,
Outputs Open
C-7, -10
Com.
125
180
mA
Ind., Mil.
135
190
mA
C-15
Com.
125
180
mA
Ind., Mil.
135
190
mA
CL-15
Com.
0.12
1
mA
Ind., Mil.
0.15
2
mA
I
OS
(1)
Output Short
Circuit Current
V
OUT = 0.5V
-120
mA
VIL
Input Low Voltage
4.5
≤ V
CC ≤ 5.5V
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
VOL
Output Low
Voltage
V
IN = VIH or VIL,
V
CC = Min
I
OL = 16 mA
Com., Ind.
0.5
V
IOL = 12 mA
Mil.
0.5
V
I
OL = 24 mA
Com.
0.8
V
V
OH
Output High
Voltage
V
IN = VIH or VIL,
VCC = Min
I
OH = -4.0 mA
2.4
V
VCC
390
(750 MIL.)
300
(390 MIL.)


Similar Part No. - ATF750C-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C-15GM/883 ATMEL-ATF750C-15GM/883 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750C-15NM/883 ATMEL-ATF750C-15NM/883 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750C-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com