Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2409X3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # CG2409X3
Description  High Power SPDT RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2409X3 Datasheet(HTML) 3 Page - California Eastern Labs

  CG2409X3_16 Datasheet HTML 1Page - California Eastern Labs CG2409X3_16 Datasheet HTML 2Page - California Eastern Labs CG2409X3_16 Datasheet HTML 3Page - California Eastern Labs CG2409X3_16 Datasheet HTML 4Page - California Eastern Labs CG2409X3_16 Datasheet HTML 5Page - California Eastern Labs CG2409X3_16 Datasheet HTML 6Page - California Eastern Labs CG2409X3_16 Datasheet HTML 7Page - California Eastern Labs CG2409X3_16 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CG2409X3
This document is subject to change without notice.
3
PRELIMINARY DATASHEET
ELECTRICAL CHARACTERISTICS
(TA=+25°C
, VC(H)=3.0V, VC(L)=0V, Zo=50Ω, DC Block Capacitance=8pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss
Lins1
f = 0.05 to 0.5 GHz
Note 1
-
0.30
0.50
dB
Lins2
f = 0.5 to 1.0 GHz
Note 2
-
0.35
0.55
dB
Lins3
f = 1.0 to 2.0 GHz
Note 2
-
0.40
0.60
dB
Lins4
f = 2.0 to 2.5 GHz
-
0.45
0.65
dB
Lins5
f = 2.5 to 3.0 GHz
-
0.50
0.70
dB
Lins6
f = 3.0 to 3.8 GHz
-
0.55
0.80
dB
Lins7
f = 3.8 to 6.0 GHz
-
0.60
0.90
dB
Isolation
ISL1
f = 0.05 to 0.5 GHz
Note 1
29
32
-
dB
ISL2
f = 0.5 to 1.0 GHz
Note 2
29
32
-
dB
ISL3
f = 1.0 to 2.0 GHz
Note 2
29
32
-
dB
ISL4
f = 2.0 to 2.5 GHz
29
32
-
dB
ISL5
f = 2.5 to 3.0 GHz
29
32
-
dB
ISL6
f = 3.0 to 3.8 GHz
29
32
-
dB
ISL7
f = 3.8 to 6.0 GHz
25
28
-
dB
Return Loss
RL1
f = 0.05 to 0.5 GHz
Note 1
15
20
-
dB
RL2
f = 0.5 to 2.0 GHz
Note 2
15
20
-
dB
RL3
f = 2.0 to 3.8 GHz
15
20
-
dB
RL4
f = 3.8 to 6.0 GHz
15
20
-
dB
0.1 dB Loss Compression
Input Power
Note 3
Pin(0.1dB)
f = 2.5 GHz
-
+37.5
-
dBm
2nd Harmonics
2f0
f = 2.5 GHz, Pin=+26dBm
-
75
-
dBc
3rd Harmonics
3f0
f = 2.5 GHz, Pin=+26dBm
-
80
-
dBc
Input 3rd Order
Intercept Point
IIP3
f = 2.5GHz
2-tone 1MHz Spacing
+60
dBm
Switch Control Speed
tsw
50% CTL to 90/10% RF
-
100
-
ns
Switch Control Current
Icont
Non RF
-
7
-
μA
Note 1 DC block capacitance = 1,000pF at f=0.05 to 0.5 GHz
Note 2 DC block capacitance = 56pF at f=0.5 to 2.0 GHz
Note 3 Pin(0.1dB) is the measured input power level when the insertion loss increases 0.1dB more than that of the
linear range.


Similar Part No. - CG2409X3_16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409X3 CEL-CG2409X3_17 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
More results

Similar Description - CG2409X3_16

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2 Datasheet
921Kb / 7P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_16 Datasheet
925Kb / 8P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3 Datasheet
881Kb / 7P
   High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_17 Datasheet
913Kb / 10P
   High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_17 Datasheet
938Kb / 9P
   High Power SPDT RF Switch
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
logo
Infineon Technologies A...
BGS12PN10 INFINEON-BGS12PN10 Datasheet
2Mb / 17P
   SPDT high linearity, high power RF Switch
Revision 1.2 - 2016-07-07
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com