Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2176X3-EVAL Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2176X3-EVAL
Description  50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2176X3-EVAL Datasheet(HTML) 2 Page - California Eastern Labs

  CG2176X3-EVAL Datasheet HTML 1Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 2Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 3Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 4Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 5Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 6Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 7Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CG2176X3
This document is subject to change without notice.
2
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
RFC-RF1
RFC-RF2
High
Low
ON
OFF
Low
High
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA
= +25˚C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0
Note 1
V
Input Power (ON Port, peak)
Pin
+38
Note 2
dBm
Input Power (ON Port, average)
Pin
+28
dBm
Input Power (OFF Port)
Pin(off)
+20
dBm
Power Dissipation (average)
PD
150
mW
Operating Ambient Temperature
TA
-45
~+85
˚C
Storage Temperature
Tstg
-55
~+150
˚C
Note
1. |VC1 - VC2|
≦6.0V
2. 3.0V
≦|VC1 - VC2|≦5.0V
RECOMMENDED OPERATING RANGE
(TA =
+25˚C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f1
2.3
-
2.7
GHz
f2
3.3
-
3.8
GHz
f3
4.9
-
5.85
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V


Similar Part No. - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results

Similar Description - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
logo
NEC
UPG2176T5N NEC-UPG2176T5N Datasheet
83Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
Renesas Technology Corp
PG2176T5N RENESAS-PG2176T5N_15 Datasheet
205Kb / 11P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
NEC
UPG2157T5F NEC-UPG2157T5F Datasheet
85Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
California Eastern Labs
UPG2157T5F CEL-UPG2157T5F Datasheet
150Kb / 8P
   50 ohm TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Renesas Technology Corp
PG2418T6X RENESAS-PG2418T6X_15 Datasheet
230Kb / 13P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
UPG2418TB RENESAS-UPG2418TB Datasheet
228Kb / 12P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
SIPAT Co,Ltd
SP4257 SIPAT-SP4257 Datasheet
542Kb / 6P
   50 廓 SPDT Absorptive CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com