Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8411IBPFBT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8411IBPFBT
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411IBPFBT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8411IBPFBT Datasheet HTML 1Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 2Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 3Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 4Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 5Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 6Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS8411IBPFBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
SPECIFICATIONS
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
+IN – (–IN)
0
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
0.2
Input capacitance
25
pF
Input leakage current
0.5
nA
SYSTEM PERFORMANCE
Resolution
16
Bits
ADS8411I
15
No missing codes
Bits
ADS8411IB
16
ADS8411I
–6
±4
6
INL
Integral linearity (2)(3)
LSB
ADS8411IB
–2.5
±1.5
2.5
ADS8411I
–2
±1
3
DNL
Differential linearity
LSB
ADS8411IB
–1
±0.8
2
ADS8411I
–1.5
±0.5
1.5
mV
EO
Offset error(4)
ADS8411IB
–0.75
±0.25
0.75
mV
ADS8411I
–0.15
0.15
EG
Gain error(4)(5)
%FS
ADS8411IB
–0.098
0.098
Noise
60
µV RMS
At FFFFh output code,
PSRR
DC Power supply rejection ratio
+VA = 4.75 V to 5.25 V,
2
LSB
Vref = 4.096 V (4)
SAMPLING DYNAMICS
Conversion time
340
400
ns
Acquisition time
100
ns
Throughput rate
2
MHz
Aperture delay
2
ns
Aperture jitter
25
ps
Step response
100
ns
Overvoltage recovery
100
ns
DYNAMIC CHARACTERISTICS
VIN = 4 Vpp at 100 kHz
–90
dB
THD
Total harmonic distortion (6)
VIN = 4 Vpp at 500 kHz
–88.5
dB
SNR
Signal-to-noise ratio
VIN = 4 Vpp at 100 kHz
86
dB
SINAD
Signal-to-noise + distortion
VIN = 4 Vpp at 100 kHz
85
dB
VIN = 4 Vpp at 100 kHz
90
dB
SFDR
Spurious free dynamic range
VIN = 4 Vpp at 500 kHz
88
dB
-3dB Small signal bandwidth
5
MHz
EXTERNAL VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.9
4.096
4.2
V
Reference resistance (7)
500
k
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB means least significant bit
(3)
This is endpoint INL, not best fit.
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 4.096 V
(5)
This specification does not include the internal reference voltage error and drift.
(6)
Calculated on the first nine harmonics of the input frequency
(7)
Can vary
±20%
3


Similar Part No. - ADS8411IBPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411IBPFBT BURR-BROWN-ADS8411IBPFBT Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8411IBPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com