Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3680 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3680
Description  Lithium-Ion Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3680 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Protection Circuitry
The AAT3680 is truly a highly integrated battery
management system IC including several protection
features. In addition to battery temperature monitor-
ing, the IC constantly monitors for over-current and
over-voltage conditions; if an over-current situation
occurs, the AAT3680 latches off the pass device to
prevent damage to the battery or the system, and
enters shutdown mode until the over-current event is
terminated.
An over voltage condition is defined as a condition
where the voltage on the BAT pin exceeds the max-
imum battery charge voltage. If an over-voltage con-
dition occurs, the IC turns off the pass device until
voltage on the BAT pin drops below the maximum
battery charge constant voltage threshold.
The
AAT3680 will resume normal operation after the
over-current or over voltage condition is removed.
During an over-current or over-voltage event, the
STAT will report a FAULT signal.
In the event of a battery over-temperature condition,
the IC will turn off the pass device and report a
FAULT signal on the STAT pin. After the system
recovers from a temperature fault, the IC will resume
operation in the 1X trickle charge mode to prevent
damage to the system in the event a defective bat-
tery is placed under charge. Once the battery volt-
age rises above the trickle charge to constant cur-
rent charge threshold, the IC will resume the con-
stant current mode.
AAT3680
Lithium-Ion Linear Battery Charge Controller
3680.2003.4.0.91
9
High Speed Data Reporting Application Schematic
Q1
FZT788B
AAT3680
C2
10
µF
C1
4.7
µF
R2
100k
RSENSE
0.2
R1
2.5k
BATT+
BATT-
TEMP
RT1
RT2
VP
VP
Battery
Pack
DRV
CSI
VP
VSS
STAT
TS
BAT
TX2
STAT
C3
0.1
µF
100k
Figure 4: Typical Charge Profile
Preconditioning
(Trickle Charge)
Phase
Constant Current
Phase
Constant Voltage
Phase
Output Charge
Voltage (VCH)
Preconditioning
Voltage Threshold
(VMIN)
Regulation
Current
(ICHARGE(REG))
Trickle Charge
and Termination
Threshold


Similar Part No. - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680ITP-4.2-T1 AAT-AAT3680ITP-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Similar Description - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com