Electronic Components Datasheet Search |
|
03006-29.1K-97-K Datasheet(PDF) 3 Page - Amphenol Corporation |
|
03006-29.1K-97-K Datasheet(HTML) 3 Page - Amphenol Corporation |
3 / 8 page 3 Type DKM Specifications Glass encapsulated SMD thermistor Description A range of thermistors in DO-35 style glass package (diode outline formed for surface lead-wires and applications) with solder- coated copper-clad steel lead-wires. Options • Other resistance values within the ranges shown; e.g. code DKA302M2 for 3000 Ω ±2% at 77°F (25°C) • Reference temperatures in the range 32°F to 302°F (0°C to 150°C) • For tape and reel, add suffix “AB” • Operation to 572°F (300°C); no solder coating on lead-wires Data • Operating temperature: -40°F to 482°F (-40°C to 250°C) • Thermal time constant: 7 seconds (cooling in air) • Dissipation factor: 3.0 mW/K • Mass: 0.2 g • Packing/MOQ: 1000/box (loose) NTC Type DKM wires should not be bent within 0.08 in (2 mm) of glass body 0.04 in (1 mm) minimum 0.2 in (4.2 mm) maximum 0.4 in (9.0 mm)/ 0.4 in (9.5 mm ) 0.09 in (2.2 mm) maximum 0.04 in (1 mm) minimum R25 Ω Material System B 25/85 K Code R25 ±2% Code R25 ±3% Code R25 ±5% Code R25 ±10% 2000 2 3540 ±1% DKA202M2 DKA202M3 DKA202M*5 DKA202M10 5000 2 3540 ±1% DKA502M*2 DKA502M3 DKA502M5 DKA502M10 10,000 2 3540 ±1% DKA103M2 DKA103M3 DKA103M5 DKA103M10 10,000 5A 3730 ±2% DKC103M3 DKC103M5 DKC103M10 10,000 3 3960 ±1% DKF103M2 DKF103M3 DKF103M5 DKF103M10 20,000 3 3960 ±1% DKF203M2 DKF203M3 DKF203M5 DKF203M10 30,000 3 3960 ±1% DKF303M2 DKF303M3 DKF303M5 DKF303M10 50,000 3 3960 ±1% DKF503M2 DKF503M3 DKF503M5 DKF503M10 100,000 3 3960 ±1% DKF104M2 DKF104M3 DKF104M5 DKF104M10 200,000 G 4263 ±2% DKG204M5 DKG204M10 500,000 D 4573 ±2% DKD504M5 DKD504M10 1,000,000 D 4573 ±2% DKD105M5 DKD105M10 See separate tables for resistance-temperature data.. Consult factory for additional tolerance requirements. |
Similar Part No. - 03006-29.1K-97-K |
|
Similar Description - 03006-29.1K-97-K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |