Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03006-1847-76-K Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 03006-1847-76-K
Description  Thermometrics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

03006-1847-76-K Datasheet(HTML) 6 Page - Amphenol Corporation

  03006-1847-76-K Datasheet HTML 1Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 2Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 3Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 4Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 5Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 6Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 7Page - Amphenol Corporation 03006-1847-76-K Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Type TH
Specifications
Glass encapsulated radial lead thermistor
• The tolerance of resistance is ±5% for standard
device
• The tolerance of B constant is ±2% for
standard device The constant is determined by
the equation:
B = 3853.9 In (R25/R50)
R25 and R50 represent the thermistor
resistance
at 77°F and 122°F (25°C and 50°C) respectively
• Others: For non-standard devices, consult
Thermometrics
NTC Type TH dimensions
Ø 0.02in (0.5 mm) maximum
Ø 0.08 in (2 mm)
maximum
0.17 in (4.2 mm)
maximum
1.02 in (26 mm)
minimum
1.02 in (26 mm)
minimum
Part
Number
Resistance
(25
Ω )
ß
Constant
(25/50)
Recommended
Maximum
Operating
Current
at 77°F (25ºC)
Maximum
Permissible
Current at
77°F (25ºC)
TH220J33G 2.0 K
3375 K
0.22 mA
30.0 mA
TH225J13G 2.545 K
3745 K
0.22 mA
30.0 mA
TH238J34G 3.896 K
3434 K
0.20 mA
26.5 mA
TH253J34G 5.369 K
3434 K
0.16 mA
24.0 mA
TH310J34G 10.74 K
3434 K
0.13 mA
20.0 mA
TH310J36G 10.0 K
3684 K
0.14 mA
20.0 mA
TH310J39G 10.0 K
3933 K
0.14 mA
20.0 mA
TH315J39G 15.0 K
3933 K
0.12 mA
17.0 mA
TH320J39G 20.0 K
3952 K
0.10 mA
15.0 mA
TH349J39G 49.12 K
3952 K
0.06 mA
10.0 mA
TH350J39G 50.0 K
3952 K
0.06 mA
10.0 mA
TH398J40G 98.63 K
4014 K
0.045 mA
5.0 mA
TH410J40G 100.0 K
4014 K
0.045 mA
5.0 mA
TH420J34G 200.0 K
3450 K
0.015 mA
3.5 mA
TH423J41G 231.4 K
4176 K
0.015 mA
3.5 mA
TH510J44G 1,000 K
4491 K
0.007 mA
1.5 mA
TH513J44G 1,388 K
4491 K
0.005 mA
1.0 mA
Dissipation
Factor
(in still air)
Time
Constant
(in still air)
Operating
Temperature
Range
Rated Power
at 77°F (25ºC)
2.0 (mW/ºC)
25 (seconds)
-40°F to 482°F
(-40°C to 250ºC)
25 mW


Similar Part No. - 03006-1847-76-K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
More results

Similar Description - 03006-1847-76-K

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com