Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKF104M10 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # DKF104M10
Description  Thermometrics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DKF104M10 Datasheet(HTML) 5 Page - Amphenol Corporation

  DKF104M10 Datasheet HTML 1Page - Amphenol Corporation DKF104M10 Datasheet HTML 2Page - Amphenol Corporation DKF104M10 Datasheet HTML 3Page - Amphenol Corporation DKF104M10 Datasheet HTML 4Page - Amphenol Corporation DKF104M10 Datasheet HTML 5Page - Amphenol Corporation DKF104M10 Datasheet HTML 6Page - Amphenol Corporation DKF104M10 Datasheet HTML 7Page - Amphenol Corporation DKF104M10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Ro@25°
C (
Ω )
Material System
Beta 25/85
Type Number
250
GE5.5*
2983
03006-165.9-55-K
500
GE5.5*
2983
03006-331.8-55-K
1K
GE7.3
3499
03006-624-73-K
2K
GE7.3
3499
03006-1248-73-K
2786
GE10.1
4102
03006-1576-101-K
3K
GE7.6
3553
03006-1847-76-K
4K
GE7.6
3553
03006-2463-76-K
5K
GE7.6
3553
03006-3079-76-K
10K
GE9.7A
3992
03006-5818-97-K
20K
GE9.8
3974
03006-11.7K-98-K
30K
GE9.8
3974
03006-17.53K-98-K
50K
GE9.7B
3952
03006-29.1K-97-K
100K
GE9.7B
3952
03006-58.2-97-K
200K
GE12.3
4365
03006-111.3K-123-K
500K
GE13.8
4567
03006-269.8K-138-K
1M
GE14.5
4661
03006-535K-145-K
5M
GE16.4
4848
03006-2.6M-164-K
*maximum operating temperature 302°F (150°C)
Type MELF
Specifications
Glass encapsulated SMD thermistor
Description
Hermetically sealed, glass encapsulated
thermistor in SOD-80 SMD package.
Options
• For ±5% @ 77°F (25°C), replace “K” with “J”
• For ±3% @ 77°F (25°C), replace “K” with
“H”
• For ±2% @ 77°F (25°C), replace “K” with
“G”
• For reel taping add “R” suffix
• Other resistances in the range 250
Ω to 5
M
Ω available
• Other tolerances, tolerances at other
temperatures
Data
• Standard resistance tolerance: ±10% @ 77°F
(25°C)
• Dissipation constant: 3.0 mW/°C
• Time constant: 7 seconds
• Operating range: -58°F to 400°F (-50°C to 204°C
NTC Type MELF dimensions
Tinned dumet contacts
(2 places)
Glass
Ø 0.063 to 0.067 in
(1.6 to 1.7 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.13 to 0.146 in
(3.3 to 3.71 mm)


Similar Part No. - DKF104M10

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DKF104M10 GE-DKF104M10 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
More results

Similar Description - DKF104M10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com