Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B10 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # B10
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B10 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button B10 Datasheet HTML 4Page - Amphenol Corporation B10 Datasheet HTML 5Page - Amphenol Corporation B10 Datasheet HTML 6Page - Amphenol Corporation B10 Datasheet HTML 7Page - Amphenol Corporation B10 Datasheet HTML 8Page - Amphenol Corporation B10 Datasheet HTML 9Page - Amphenol Corporation B10 Datasheet HTML 10Page - Amphenol Corporation B10 Datasheet HTML 11Page - Amphenol Corporation B10 Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NTCThermistors
Glass-encapsulated suface mount chips
DKM
MELF
ü ü
• Tmax250°C
• Suitableforharsh
environments and
soldering profiles
SMDcircuitry
Bare bead thermistor
BB05/07/11
ü ü
ü ü
• Fasttimeconstant,
0.11 secs
•Extremelysmallsize
0.13 to 0.25 mm
• Highstability
RF&microwave
power
measurements
Glass-coated beads
B05/07/10/14
B35/43
ü ü
ü ü
• Hermeticallysealed
• Smallsize,0.13mm
to 1.1 mm
• Tmax300°C
Gas
chromatography,
thermal
conductivity
analysis, gas flow
measurement,
liquid level sensing
Glass-encapsulated beads, rods, probes
BR11/14/16/23
BR32/42/55
P20/25/30
P60/65/85/100
R60/65/85/100
SP60/65/85/100
FP07/10/14
ü ü ü
ü
• Robust
• Hermeticallysealed
• Tmax300°C
• Interchangeable
matched pairs
available
• Somemodels
with intermittent
operation to 600°C
Liquidlevel
sensing, gas flow
measurement, fluid
temperature, pulse
suppression
Glass encapsulated chips with leads
GC32
GC14/16
GC11
ü ü ü
ü
• Long-termstability
• Chiptechnology
• Size
• Response
• Accuracy
Medical catheters
military/aerospace,
airflow, blood
analysis
Leadless chip thermistors
NDU
HM
ü ü
• Silverorgold
electrodes suitable
for wire bonding
• Smallsize
Hybridcircuits,
glucose
monitors, digital
thermometers
Description
Codes
Key Features
Typical Uses
8


Similar Part No. - B10

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B10 DBLECTRO-B10 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
CHENG-YI ELECTRONIC CO....
B10 CHENG-YI-B10 Datasheet
185Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micrel Semiconductor
B10 MICREL-B10 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - B10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com