Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP202C2AR3 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NDP202C2AR3
Description  Thermometrics Epoxy-Coated Chip Thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDP202C2AR3 Datasheet(HTML) 1 Page - Amphenol Corporation

  NDP202C2AR3 Datasheet HTML 1Page - Amphenol Corporation NDP202C2AR3 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Designedforaccuratetemperature
measurement,controlandcompensation
• TighttolerancesonresistanceandBvalue
• Operationupto311°F(155°C)with
excellentstability
• Smallbodysize
• Fastresponse
• Epoxyresinprovidesvoltageinsulation
• Suitableforautomotive,HVACandwhite
goodsapplications
• RoHScompliant
NTCType
NDP
Thermometrics
Epoxy-Coated
ChipThermistor
Description
Arangeofepoxy-coatedchipswithPFA/PTFE
insulated0.0078in(0.25mm)nickellead-wires.
Amphenol
Advanced Sensors


Similar Part No. - NDP202C2AR3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDP AMPHENOL-NDP Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
List of Unclassifed Man...
NDP-243 ETC2-NDP-243 Datasheet
230Kb / 1P
   Converter Modules
NDP-243U2 ETC2-NDP-243U2 Datasheet
230Kb / 1P
   Converter Modules
logo
ON Semiconductor
NDP02N60ZG ONSEMI-NDP02N60ZG Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Yamaichi Electronics Co...
NDP036-002-BF YAMAICHI-NDP036-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
More results

Similar Description - NDP202C2AR3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDL102C2R1 AMPHENOL-NDL102C2R1 Datasheet
73Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
logo
Vishay Siliconix
NTCLE213E3 VISHAY-NTCLE213E3 Datasheet
84Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
Revision: 02-Feb-15
NTCLE213E3 VISHAY-NTCLE213E3_V01 Datasheet
91Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
01-Jan-2022
logo
Amphenol Corporation
GC11 AMPHENOL-GC11 Datasheet
67Kb / 4P
   Thermometrics Glass Encapsulated NTC Chip Thermistor
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
Abracon Corporation
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com