Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR-42-K-E Datasheet(PDF) 3 Page - Amphenol Corporation

Part # BR-42-K-E
Description  Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BR-42-K-E Datasheet(HTML) 3 Page - Amphenol Corporation

  BR-42-K-E Datasheet HTML 1Page - Amphenol Corporation BR-42-K-E Datasheet HTML 2Page - Amphenol Corporation BR-42-K-E Datasheet HTML 3Page - Amphenol Corporation BR-42-K-E Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Type BR Series Specifications
Dissipation Constant
BR11
• Still air at 77°F (25°C): 0.065 mW/°C
• Still water at 77°F (25°C): 0.33 mW/°C
BR14
• Still air at 77°F (25°C): 0.10 mW/°C
• Still water at 77°F (25°C): 0.50 mW/°C
BR16
• Still air at 77°F (25°C): 0.12 mW/°C
• Plunge into water: 0.60 mW/°C
BR23
• Still air at 77°F (25°C): 0.18 mW/°C
• Plunge into water: 0.9 mW/°
Power Rating (In Air)
BR11
• Maximum Power Rating: 0.007 W
• 100% Maximum Power To: 257°F (125°C)
• Derated to 0% at: 572°F (300°C)
BR14
• Maximum Power Rating: 0.015 W
• 100% Maximum Power To: 257°F (125°C)
• Derated to 0% at: 572°F (300°C)
BR16
• Maximum Power Rating: 0.015 W
• 100% Maximum Power To: 257°F (125°C)
• Derated to 0% at: 572°F (300°C)
BR23
• Maximum Power Rating: 0.020 W
• 100% Maximum Power To: 257°F (125°C)
• Derated to 0% at: 572°F (300°C)
Options
• Non-standard resistance tolerances
• Non-standard resistance values
• Specify reference temperature(s) if it is not 77°F (25°C)
• Mounting in special housings or enclosures
• Longer continuous leads
• Welded or soldered extension leads_specify lead
material, diameter, length, and insulation, if any.
• Solderable or weldable/solderable leads
• Leads can be pre-tinned or treated for improved
soldering
• Calibration_specify temperature(s)
• Interchangeable pairs or sets, R-vs-T curve matching;
specify temperature range(s) and tolerance(s)
• Special aging and conditioning for high reliability
applications
Type BR32/42/55
Thermal and Electrical Properties
The following lists the thermal and electrical properties for
all large ruggedized thermistors. All definitions and test
methods per MIL-PRF-23648.
Body Dimensions
BR32
• Nominal diameter: 0.032 in (0.81 mm)
• Maximum diameter: 0.033 in (0.84 mm)
• Maximum length: 0.084 in (2.1 mm)
BR42
• Nominal diameter: 0.042 in (1.16 mm)
• Maximum diameter: 0.046 in (1.2 mm)
• Maximum length: 0.095 in (2.4 mm)
BR55
• Nominal diameter: 0.055 in (1.41 mm)
• Maximum diameter: 0.060 in (1.5 mm)
• Maximum length: 0.120 in (3 mm)
Lead-Wires
BR32
• Nominal diameter: 0.003 in (0.08 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
BR42
• Nominal diameter: 0.004 in (0.10 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
BR55
• Nominal diameter: 0.004 in (0.10 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “K” adjacent or “P” opposite
Thermal Time Constant
BR32
• Still air at 77°F (25°C): 4.5 second
• Plunge into water: 90 msec
BR42
• Still air at 77°F (25°C): 5 second
• Plunge into water: 140 msec
BR55
• Still air at 77°F (25°C): 7 second
• Plunge into water: 200 msec


Similar Part No. - BR-42-K-E

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR-4CAM EXTECH-BR-4CAM Datasheet
192Kb / 2P
   Borescope Probe For use with the BR200 and BR250 Borescopes only
More results

Similar Description - BR-42-K-E

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
   Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
logo
Vishay Siliconix
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Honeywell Accelerometer...
1582240 HONEYWELL-ACC-1582240 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
PerkinElmer Optoelectro...
U1160 PERKINELMER-U1160 Datasheet
206Kb / 1P
   small Photocell Glass encapsulated housing
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com