Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL Datasheet(PDF) 10 Page - Amphenol Corporation

Part # NDL
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDL Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button NDL Datasheet HTML 6Page - Amphenol Corporation NDL Datasheet HTML 7Page - Amphenol Corporation NDL Datasheet HTML 8Page - Amphenol Corporation NDL Datasheet HTML 9Page - Amphenol Corporation NDL Datasheet HTML 10Page - Amphenol Corporation NDL Datasheet HTML 11Page - Amphenol Corporation NDL Datasheet HTML 12Page - Amphenol Corporation NDL Datasheet HTML 13Page - Amphenol Corporation NDL Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PTCThermistors
Motor protection
YA
YB
YC
YD
YF
YG
PTD
ü
• Smallinsulatedhead
• Longinsulatedflexible
wire
• Switchtemperatures
30to180°C
• DINcompliance
• MODapproval
Protectionof
industrial motors
and transformers,
submarine motors
Surface sensors
YK
YR
PTA
PTE
ü
• Screw-inorbolt-on
configurations
• Flexibleorsolidwire
• Switchtemperature30
to140°C
Semi-conductor
heat sinks,
enclosure panels,
power supplies
Wired devices - general purpose
YM120
YP
YS4019
YS4020
PTF
PTO
ü ü ü
• Ratingsupto1000
Vrms
• Switchcurrentsupto
2A
Transformer
protection,
electronic lighting,
instrument/DMM
protection
Surface mount devices
YSM
YSM4021
PTSM
ü ü ü
• HighpowerSMDPTCs
• CompatiblewithSMD
assembly
• Ratingsupto1000
Vrms
• Switchcurrentsupto
2A
• ConformancetoITU-T
K20/21
Telecom line
protection,DMM
instrument
protection,
electronic lighting
control
Circuit protection
YS
ü ü
ü
• Customdesigned
for electronic circuit
applications
• Excellentthermal
shock and power
handling performance
• ConformancetoITU-T
K20/21
Telecom primary
and secondary
protection
Description
Codes
Key Features
Typical Uses
10


Similar Part No. - NDL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Power Solutions ...
NDL MURATA-PS-NDL Datasheet
288Kb / 6P
   Isolated 2W Wide Input Single Output DC-DC Converters
2023
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
   SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
C&D Technologies
NDL0505S CANDD-NDL0505S Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0505SC MURATA-NDL0505SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
More results

Similar Description - NDL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com